Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 27Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 28Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 29Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 30Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 31Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 32Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 33Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 34Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Supply, reset and clock management
31/136
6.3.2
RC Control register (RCCR)
Reset value: 1111 1111 (FFh)
6.3.3
System Integrity (SI) Control/status register (SICSR)
Reset value: 0000 0x00 (0xh)
7
0
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
Read / Write
Bits 7:0 CR[9:2] RC Oscillator Frequency Adjustment Bits
These bits, as well as CR[1:0] bits in the SICSR register must be written
immediately after reset to adjust the RC oscillator frequency and to obtain the
required accuracy. The application can store the correct value for each voltage
range in Flash memory and write it to this register at startup.
00h = maximum available frequency
FFh = lowest available frequency
Note: To tune the oscillator, write a series of different values in the register until the
correct frequency is reached. The fastest method is to use a dichotomy
starting with 80h.
7
0
0
CR1
CR0
0
0
LVDRF
AVDF
AVDIE
Read / Write
Bit 7 Reserved, must be kept cleared.
Bits 6:5 CR[1:0] RC Oscillator Frequency Adjustment bits
These bits, as well as CR[9:2] bits in the RCCR register must be written
immediately after reset to adjust the RC oscillator frequency and to obtain the
required accuracy. Refer to Section 6.2 on page 28.
Bits 4:3 Reserved, must be kept cleared.
Bits 2:0 System Integrity bits. Refer to Section 7.4 on page 43.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com