Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 42Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 43Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 44Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 45Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 46Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 47Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 48Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 49Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Interrupts
ST7LITEUS2, ST7LITEUS5
46/136
7.4.3
Low power modes
Interrupts
The AVD interrupt event generates an interrupt if the corresponding Enable Control Bit
(AVDIE) is set and the interrupt mask in the CC register is reset (RIM instruction).
7.4.4
Register description
System Integrity (SI) Control/Status register (SICSR)
Reset value: 0000 0x00 (0xh)
Table 11.
Description of low power modes
Mode
Description
Wait
No effect on SI. AVD interrupts cause the device to exit from Wait mode.
Halt
The SICSR register is frozen.
The AVD remains active but the AVD interrupt cannot be used to exit from Halt
mode.
Table 12.
Description of interrupt events
Interrupt Event
Event flag
Enable
control bit
Exit from
Wait
Exit from
Halt
AVD event
AVDF
AVDIE
Yes
No
7
0
0
CR1
CR0
0
0
LVDRF
AVDF
AVDIE
Read/write
Bit 7 Reserved, must be kept cleared.
Bits 6:5 CR[1:0] RC Oscillator Frequency Adjustment bits
These bits, as well as CR[9:2] bits in the RCCR register must be written
immediately after reset to adjust the RC oscillator frequency and to obtain the
required accuracy. Refer to Section 6.2: Internal RC oscillator adjustment on
page 28.
Bits 4:3 Reserved, must be kept cleared.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com