Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 96Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 97Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 98Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 99Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 100Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 101Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 102Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 103Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7LITEUS2, ST7LITEUS5
100/136
12.4.2
Internal RC oscillator supply current characteristics
Table 53.
Internal RC oscillator supply current
Symbol
Parameter
Conditions
Min
Typ
Max (1)
Unit
IDD
Supply current in Run mode (2)
TA=25 °C, int RC = 4 MHz
3.2
5.5
mA
TA=25 °C, int RC = 8 MHz
5.7
8.5
TA=25 °C, AWU RC
0.13
0.2
Supply current in Wait mode (3)
TA=25 °C, int RC = 4 MHz
1.5
3.0
TA=25 °C, int RC = 8 MHz
1.9
4.5
Supply current in Slow mode (4)
TA=25 °C, int RC/32 = 250 kHz
1.3
2.0
Supply current in Slow-Wait
mode (5)
TA=25 °C, int RC/32 = 250 kHz
1.1
1.8
Supply current in Active-halt
mode
0.8
1.25
IDD
Supply current in Run mode (2)
TA=25 °C, int RC = 4 MHz
2.0
3.0
mA
TA=25 °C, int RC = 2 MHz
1.3
2.0
TA=25 °C, AWU RC
0.1
0.18
Supply current in Wait mode (3)
TA=25 °C, int RC = 4 MHz
1.0
1.6
TA=25 °C, int RC = 2 MHz
0.9
1.5
Supply current in Slow mode (4)
TA=25 °C, int RC/32 = 250 kHz
0.95
1.5
Supply current in Slow-Wait
mode (5)
TA=25 °C, int RC/32 = 250 kHz
0.85
1.4
Supply current in Active-halt
mode
0.8
1.3
1.
Data based on characterization results, not tested in production.
2.
CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in
reset state; CPU clock provided by the internal RC, LVD disabled.
3.
All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; CPU clock provided by
the internal RC, LVD disabled.
4.
Slow mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or VSS (no
load), all peripherals in reset state; CPU clock provided by the internal RC, LVD disabled.
5.
Slow-Wait mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or VSS
(no load), all peripherals in reset state; CPU clock provided by the internal RC, LVD disabled.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com