Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 97Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 98Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 99Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 100Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 101Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 102Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 103Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 104Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Electrical characteristics
101/136
Figure 42.
Typical IDD in run mode vs. internal clock frequency and VDD
Figure 43.
Typical IDD in WFI mode vs. internal clock frequency and VDD
Figure 44.
Typical IDD in Slow, Slow-wait and Active-halt mode vs VDD & int
RC = 8 MHz
IddRUNmode@ambvs int clock freq
0.00
1.00
2.00
3.00
4.00
5.00
6.00
VDD[V]
RC8MHz
RC4MHz
RC2MHz
AWU
Idd WFI mode @amb vs int RC freq
0.700
1.200
1.700
2.200
VDD [V]
8 MHz
4 MHz
2 MHz
Idd slow, slowwait & acthalt mode,
int Rc 8Mhz@amb
0.700
0.900
1.100
1.300
1.500
VDD [V]
Slow
slowwait
acthlt
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com