Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 93Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 94Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 95Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 96Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 97Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 98Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 99Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 100Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Electrical characteristics
97/136
Internal RC oscillator calibrated at 3.3 V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option
byte).
Table 50.
Internal RC oscillator characteristics (5.0 V calibration)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value),
TA= 25 °C, VDD= 5 V
4.4
MHz
RCCR = RCCR0(1), TA= 25 °C, VDD
= 5 V
8
ACCRC
Accuracy of internal RC
oscillator with
RCCR=RCCR0(1)
TA= 25 °C, VDD = 4.5 to 5.5 V
(2)
-2.0
+2.0
%
TA= 0 to +85 °C,
VDD = 4.5 to 5.5 V
(2)
-2.5
+4.0
%
TA= 0 to +125 °C,
VDD= 4.5 to 5.5 V
(2)
-3.0
+5.0
%
TA= -40 °C to 0 °C,
VDD= 4.5 to 5.5 V
(2)
-4.0
+2.5
%
tsu(RC)
RC oscillator setup time
TA= 25°C, VDD= 5 V
4 (2)
μs
1.
See Section 6.2: Internal RC oscillator adjustment
2.
Tested in production at 5.0 V only
Table 51.
Internal RC oscillator characteristics (3.3 V calibration)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value),
TA=25 °C,VDD= 3.3 V
4.3
MHz
RCCR = RCCR1(1) ,
TA=25 °C,VDD= 3.3 V
8
ACCRC
Accuracy of internal RC
oscillator with
RCCR=RCCR1(1)
TA=25°C, VDD = 3.0 to 3.6 V
(2)
-1.0
+1.0
%
TA=0 to +85 °C, VDD = 3.0 to 3.6 V
(2)
-2.5
+4.0
%
TA=0 to +125 °C, VDD = 3.0 to 3.6 V
(2)
-3.0
+5.0
%
TA = -40 °C to 0 °C,
VDD = 3.0 to 3.6 V
(2)
-4.0
+2.5
%
tsu(RC)
RC oscillator setup time
TA= 25 °C, VDD = 3.3 V
4 (2)
μs
1.
See Section 6.2: Internal RC oscillator adjustment
2.
Tested in production at 3.3 V only
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com