Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 64Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 65Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 66Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 67Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 68Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 69Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 70Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 71Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7LITEUS2, ST7LITEUS5
68/136
10.1.4
Low power modes
10.1.5
Interrupts
They generate an interrupt if the enable bit is set in the LTCSR register and the interrupt
mask in the CC register is reset (RIM instruction).
Figure 32.
Input capture timing diagram
Table 24.
Description of low power modes
Mode
Description
Wait
No effect on Lite timer
Active-Halt
No effect on Lite timer
Halt
Lite timer stops counting
Table 25.
Interrupt events(1)
1.
The TBF and ICF interrupt events are connected to separate interrupt vectors (see Interrupts chapter).
Interrupt event
Event
flag
Enable
control
bit
Exit
from
Wait
Exit
from
Halt
Exit
from
Active-halt
Timebase Event
TBF
TBIE
Yes
No
Yes
IC Event
ICF
ICIE
Yes
No
No
0004h
13-bit COUNTER
t
0001h
fOSC
xxh
0002h
0003h
0005h
0006h
0007h
04h
LTIC PIN
ICF FLAG
LTICR REGISTER
CLEARED
125 ns
(@ 8 MHz fOSC)
fCPU
BY S/W
07h
READING
LTIC REGISTER
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com