Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 28Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 29Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 30Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 31Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 32Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 33Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 34Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 35Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7LITEUS2, ST7LITEUS5
32/136
6.3.4
AVD Threshold Selection register (AVDTHCR)
Reset value: 0000 0011 (03h)
6.3.5
Clock Controller Control/Status register (CKCNTCSR)
Read/Write
Reset value: 0000 1001 (09h)
7
0
CK2
CK1
CK0
0
0
0
AVD1
AVD0
Read / Write
Bits 7:5 CK[2:0] Internal RC Prescaler Selection
These bits are set by software and cleared by hardware after a reset. These bits
select the prescaler of the internal RC oscillator. See Figure 10 on page 34 and
Table 6.
Bits 4:2 Reserved, must be kept cleared.
Bits 1:0 AVD Threshold Selection bits. Refer to Section 7.4: System integrity management
(SI).
Table 6.
Internal RC prescaler selection bits(1)
1.
If the internal RC is used with a supply operating range below 3.3 V, a division ratio of at least 2 must be
enabled in the RC prescaler.
CK2
CK1
CK0
fOSC
00
0
fRC
00
1
fRC/2
01
0
fRC/4
01
1
fRC/8
10
0
fRC/16
7
0
0000
AWU_FLAG
RC_
FLAG
0RC/AWU
Read / Write
Bits 7:4 Reserved, must be kept cleared.
Bit 3 AWU_FLAG AWU Selection
This bit is set and cleared by hardware
0: No switch from AWU to RC requested
1: AWU clock activated and temporization completed
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com