Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 13Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 14Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 15Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 16Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 17Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 18Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 19Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 20Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Register and memory map
17/136
0049h
004Ah
AWU
AWUPR
AWUCSR
AWU Prescaler register
AWU Control/Status register
FFh
00h
R/W
R/W
004Bh
004Ch
004Dh
004Eh
004Fh
0050h
DM(4)
DMCR
DMSR
DMBK1H
DMBK1L
DMBK2H
DMBK2L
DM Control register
DM Status register
DM Breakpoint register 1 High
DM Breakpoint register 1 Low
DM Breakpoint register 2 High
DM Breakpoint register 2 Low
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
0051h to
007Fh
Reserved area (47 bytes)
1.
Legend: x=undefined, R/W=read/write
2.
The contents of the I/O port DR registers are readable only in output configuration. In input configuration, the values of the
I/O pins are returned instead of the DR register contents.
3.
The bits associated with unavailable pins must always keep their reset value.
4.
For a description of the DM registers, see the ST7 I2C Protocol Reference Manual.
Table 3.
Hardware register map (continued)(1)
Address
Block
Register
label
Register name
Reset status
Remarks
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com