Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 128Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 129Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 130Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 131Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 132Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 133Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 134Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 135Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Revision history
135/136
18-Sep-06
3
Modified description of AVD[1:0] bits in the AVDTRH register in Section 7.4.4
Modified description of CNTR[11:0] bits in Section 10.2.6: Register description
Modified values in Table 44
LVD and AVD tables updated, Table 47, Table 48 and Table 49
Internal RC oscillator data modified in Table 50 and new table added Table 51
Typical data in Table 54 (on chip peripherals) modified
EMC characteristics updated, Section 12.7
RPU data corrected in Table 63 including additional notes
Output driving current table updated, Table 64
RON data corrected in Table 65.
Modified ADC accuracy tables in Section 12.10
Section : updated
Errata sheet removed from document
Notes modified for low voltage detector Section 7.4.1
Notes updated in Section 4.4 (I2C Interface)
Thermal characteristics table updated, Table 74
Modified option list on Section 14.2: Ordering information
Modified Section 14.3: Development tools
Modified text in Section :
26-Jan-07
4
Added -40°C to 125°C temperature range
Modified note on ei4 in Table 9: Interrupt mapping
Added note 3 to Section 7.3.2: External Interrupt Control register 2 (EICR2)
Added Figure 41 and Figure 40
Added a note to LVDRF in Section 7.4.4: Register description
Section 6.4.1: Introduction
Modified Table 47 and Table 48
Modified Table 50Updated Table 53
Updated Table 64
Modified RAIN and ADC accuracy tables in Section 12.10: ADC characteristics
Modified Table 80
Modified Table 79
Modified option list on Figure 69: Option list
06-Feb-2009
5
Document reformatted.
Replaced ST7ULTRALITE by ST7LITEUS2 and ST7LITEUS5.
Removed limitations in user and in I2C mode from Section 15: Known
limitations, and added External interrupt 2 (ei2).
Added MCO on pin 3.
Updated Section 12.3.2: Operating conditions with low voltage detector (LVD),
Section 12.3.3: Auxiliary voltage detector (AVD) thresholds, Section 12.3.4:
Internal RC oscillator, Section 12.4: Supply current characteristics, and
Section 12.8.2: Output driving current characteristics.
Updated internal RC prescaler to add 500 KHz.
Updated ECOPACK text in Section 13.1: Package mechanical data. Added
PDIP16 silhouette on cover page, and updated Table 73: 16-pin plastic dual in-
line package, 300-mil width, package mechanical data and Figure 68: 16-pin
plastic dual in-line package, 300-mil width, package outline.
Changed order codes to die A version in Table 79: Supported order codes.
Removed soldering information section.
Updated option list.
Table 82.
Document revision history (continued)
Date
Revision
Changes
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com