Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 48Page - STMicroelectronics ST10F296TR Datasheet HTML 49Page - STMicroelectronics ST10F296TR Datasheet HTML 50Page - STMicroelectronics ST10F296TR Datasheet HTML 51Page - STMicroelectronics ST10F296TR Datasheet HTML 52Page - STMicroelectronics ST10F296TR Datasheet HTML 53Page - STMicroelectronics ST10F296TR Datasheet HTML 54Page - STMicroelectronics ST10F296TR Datasheet HTML 55Page - STMicroelectronics ST10F296TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
52/346
Flash data register 0 low (FDR0L)
The Flash address registers (FARH/L) and the Flash data registers (FDR1H/L-FDR0H/L)
are used during program operations to store Flash addresses and data to program.
FCR1H (0x0E 0006) SMOD = 1
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
76
5432
1
0
Reserved
B1S
B0S
Reserved
B1F1 B1F0
-
RS
RS
-RS
RS
Table 16.
FCR1H register description (SMOD = 1, IFlash selected)
BIt
Bit name
Function
15-10
-
Reserved
9-8
B[1:0]S
Bank 1-0 status (IFlash)
During any erase operation, these bits are automatically modified and
give the status of the two banks, B1-B0. The meaning of BxS bit for
Bank x is given in Table 17. Bits B[1:0]S are automatically reset at the
end of a erase operation if no errors are detected.
7-2
-
Reserved
1-0
B1F[1:0]
Bank 1 IFlash sector 1:0 status
During any erase operation, these bits are automatically set and give
the status of the two sectors of Bank 1 (B1F1-B1F0). The meaning of
B1Fy bit for sector y of Bank 1 is given in Table 17. These bits are
automatically reset at the end of a erase operation if no errors are
detected.
Table 17.
Banks (BxS) and sectors (BxFy) status bits meaning
ERR
SUSP
BxS = 1 meaning
BxFy = 1 meaning
1
-
Erase error in Bank x
Erase error in sector y of Bank x
0
1
Erase suspended in Bank x
Erase suspended in sector y of Bank x
0
0
Don’t care
Don’t care
FDR0L (0x0E 0008)
FCR
Reset value: FFFFh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DIN
15
DIN
14
DIN
13
DIN
12
DIN
11
DIN
10
DIN
9
DIN
8
DIN
7
DIN
6
DIN
5
DIN
4
DIN
3
DIN
2
DIN
1
DIN
0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 18.
FDR0L register description
BIt
Bit name
Function
15-0
DIN[15:0]
Data input 15:0
These bits must be written with the data to program the Flash with the
following operations: Word program (32-bit), double word program (64-
bit) and set protection.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com