Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 46Page - STMicroelectronics ST10F296TR Datasheet HTML 47Page - STMicroelectronics ST10F296TR Datasheet HTML 48Page - STMicroelectronics ST10F296TR Datasheet HTML 49Page - STMicroelectronics ST10F296TR Datasheet HTML 50Page - STMicroelectronics ST10F296TR Datasheet HTML 51Page - STMicroelectronics ST10F296TR Datasheet HTML 52Page - STMicroelectronics ST10F296TR Datasheet HTML 53Page - STMicroelectronics ST10F296TR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
50/346
Flash control register 1 low (FCR1L)
The Flash control register 1 low (FCR1L) and the Flash control register 1 high (FCR1H) are
used to select the sectors to erase or they are used, during any write operation, to monitor
the status of each sector of the module selected by the SMOD bit of the FCR0H register.
FCR1L is shown below when SMOD = 0 and when SMOD = 1.
FCR1L (0x0E 0004) SMOD = 0
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
B2F2
B2F1
B2F0
-R
R
R
Table 13.
FCR1L register description (SMOD = 0, XFlash selected)
BIt
Bit name
Function
15-3
-
Reserved
2-0
B2F[2:0]
Bank 2 XFlash sector 2:0 status
These bits must be set during a sector erase operation to select the
sectors to be erased in Bank 2. During any erase operation, these bits
are automatically set and give the status of the three sectors of Bank 2
(B2F2-B2F0). The meaning of B2Fy bit for sector y of Bank 2 is given in
Table 17. The BTF [2:0] bits are automatically reset at the end of a write
operation if no errors are detected.
FCR1L (0x0E 0004) SMOD = 1
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
B0F9 B0F8 B0F7 B0F6 B0F5 B0F4 B0F3 B0F2 B0F1 B0F0
-
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
Table 14.
FCR1L register description (SMOD = 1, IFlash selected)
BIt
Bit name
Function
15-10
-
Reserved
9-0
B0F[9:0]
Bank 0 IFlash sector 9:0 status
These bits must be set during a sector erase operation to select the
sectors to be erased in Bank 0. During any erase operation, these bits
are automatically set and give the status of the 10 sectors of Bank 0
(B0F9-B0F0). The meaning of B0Fy bit for sector y of Bank 0 is given in
Table 17. The B0F [9:0] bits are automatically reset at the end of a write
operation if no errors are detected.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com