Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 72Page - STMicroelectronics ST10F296TR Datasheet HTML 73Page - STMicroelectronics ST10F296TR Datasheet HTML 74Page - STMicroelectronics ST10F296TR Datasheet HTML 75Page - STMicroelectronics ST10F296TR Datasheet HTML 76Page - STMicroelectronics ST10F296TR Datasheet HTML 77Page - STMicroelectronics ST10F296TR Datasheet HTML 78Page - STMicroelectronics ST10F296TR Datasheet HTML 79Page - STMicroelectronics ST10F296TR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
76/346
This process may go through several iterations or may directly execute the final application.
In all cases, the ST10F296E runs in BSL mode, i.e. with the watchdog timer disabled and
limited access to the internal Flash area. All code fetches from the internal IFlash area
(01’0000H...08’FFFFH) are redirected to the special Test-Flash. Data read operations
access the internal Flash of the ST10F296E, if any is available, but return undefined data on
ROM-less devices.
6.3.5
Choosing the baud rate for the BSL via UART
The calculation of the serial baud rate for ASC0 from the length of the first zero byte that is
received, allows the bootstrap loader of the ST10F296E to operate with a wide range of
baud rates. However, upper and lower limits have to be respected to insure proper data
transfer.
Equation 1
The ST10F296E uses Timer T6 to measure the length of the initial zero byte. The
quantization uncertainty of this measurement implies the first deviation from the real baud
rate. The next deviation is implied by the computation of the S0BRL reload value from the
timer contents. Equation 2 below shows the association:
Equation 2
Where:
For correct data transfer from the host to the ST10F296E, the maximum deviation between
the internal initialized baud rate for ASC0 and the real baud rate of the host should be below
2.5 %. The deviation (FB, in percent) between host baud rate and the ST10F296E baud rate
can be calculated via Equation 3:
Equation 3
where:
FB
≤ 2.5 %
Note:
FB does not consider the tolerances of oscillators and other devices supporting the serial
communication.
This baud rate deviation is a nonlinear function depending on the CPU clock and the baud
rate of the host. The maxima of FB increases with the host baud rate due to the smaller
baud rate pre-scaler factors and the implied higher quantization error (see Figure 11).
B
ST10F296
f
CPU
32
SOBRL
1
+
()
×
⁄
=
SOBRL
T6
36
–
() 72
⁄
=
T6
9
4
⁄
f
CPU
B
Host
⁄
×
=
F
B
B
Contr
B
Host
–
() B
Contr
⁄
100
×
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com