Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 86Page - STMicroelectronics ST10F296TR Datasheet HTML 87Page - STMicroelectronics ST10F296TR Datasheet HTML 88Page - STMicroelectronics ST10F296TR Datasheet HTML 89Page - STMicroelectronics ST10F296TR Datasheet HTML 90Page - STMicroelectronics ST10F296TR Datasheet HTML 91Page - STMicroelectronics ST10F296TR Datasheet HTML 92Page - STMicroelectronics ST10F296TR Datasheet HTML 93Page - STMicroelectronics ST10F296TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
90/346
6.7
Selective boot mode
Selective boot mode is a sub-case of alternate boot mode.
The following additional check is made when no signature of the alternate boot mode
signature check is correct:
Address 00’1FFCh is read again.
●
If a value 0000h or FFFFh is obtained, a jump is performed to the standard bootstrap
loader.
●
If the value obtained is not 0000h or FFFFh:
–
High byte bits are disregarded
–
Low byte bits select which communication channel is enabled (see Table 44).
●
0xXX03 configures the selective bootstrap loader to poll for RxD0 and CAN1_RxD.
●
0xXX01 configures the selective bootstrap loader to poll RxD0 only (no bootloading via
CAN).
●
0xXX02 configures the selective bootstrap loader to poll CAN1_RxD only (no
bootloading via UART).
●
other values will let the ST10F296E executing an endless loop into the Test-Flash.
Table 44.
Selective boot mode configurations
Bit
Function
0
UART selection
0: UART not watched for a start condition
1: UART is watched for a start condition
1
CAN1 selection
0: CAN1 not watched for a start condition
1: CAN1 is watched for a start condition
2-7
Reserved
Must be programmed to 0 for upward compatibility
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com