Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 51Page - STMicroelectronics ST10F296TR Datasheet HTML 52Page - STMicroelectronics ST10F296TR Datasheet HTML 53Page - STMicroelectronics ST10F296TR Datasheet HTML 54Page - STMicroelectronics ST10F296TR Datasheet HTML 55Page - STMicroelectronics ST10F296TR Datasheet HTML 56Page - STMicroelectronics ST10F296TR Datasheet HTML 57Page - STMicroelectronics ST10F296TR Datasheet HTML 58Page - STMicroelectronics ST10F296TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Internal Flash memory
55/346
Flash error register (FER)
The Flash error register (and all other Flash registers) can only be properly read once the
LOCK bit of the FCR0L register is low. Nevertheless, its content is updated when the BSY
bits are reset. For this reason, it is meaningful to read the FER register content only when
the LOCK bit and all BSY bits are cleared.
FER (0xE 0014)
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
WPF RESER SEQER
Reserved
10ER PGER ERER ERR
-
RC
RC
RC
-
RC
RC
RC
RC
Table 24.
FER register description
Bit
Bit name
Function
15-9
-
Reserved
8WPF
Write protection flag
This bit is automatically set when trying to program or erase in a sector
that is write protected. In the case of a multiple sector erase,
unprotected sectors are erased, protected sectors are not erased, and
the WPF bit is set. The WPF bit has to be reset by software.
7
RESER
Resume error
This bit is automatically set when a suspended program or erase
operation is not resumed correctly due to a protocol error. In this case
the suspended operation is aborted. This bit has to be reset by software.
6
SEQER
Sequence error
This bit is automatically set when the control registers (FCR1H/L-
FCR0H/L, FARH/L, FDR1H/L-FDR0H/L) are not correctly filled to
execute a valid write operation. In this case no write operation is
executed. This bit has to be reset by software.
5-4
-
Reserved
310ER
1 over 0 error
This bit is automatically set when trying to program bits to 1 that have
previously been set to 0 (this does not happen when programming the
protection bits). This error is not due to a failure of the Flash cell. It flags
that the desired data has not been written. The 10ER bit has to be reset
by software.
2PGER
Program error
This bit is automatically set when a program error occurs during a Flash
write operation. This error is due to a failure of a Flash cell that can no
longer be programmed. The word where this error occurred must be
discarded. This bit has to be reset by software.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com