Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 31Page - STMicroelectronics ST10F296TR Datasheet HTML 32Page - STMicroelectronics ST10F296TR Datasheet HTML 33Page - STMicroelectronics ST10F296TR Datasheet HTML 34Page - STMicroelectronics ST10F296TR Datasheet HTML 35Page - STMicroelectronics ST10F296TR Datasheet HTML 36Page - STMicroelectronics ST10F296TR Datasheet HTML 37Page - STMicroelectronics ST10F296TR Datasheet HTML 38Page - STMicroelectronics ST10F296TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Memory organization
35/346
4.4
Extension RAM (XRAM)
64 Kbyte and 2 Kbytes of on-chip XRAM (single port XRAM) is provided as a storage for
data, user stack and code.
The XRAM is divided into 2 areas, the first 2 kbytes and second 64 Kbytes, called XRAM1
and XRAM2 respectively, are connected to the internal XBus and are accessed like an
external memory in 16-bit demultiplexed bus-mode without wait state or read/write delay
(31.25 ns access at 64 MHz CPU clock). Byte and word access is allowed.
The XRAM1 address range is 00’E000h - 00’E7FFh if the XPEN bit (bit 2 of the SYSCON
register) and XRAM1EN bit (bit 2 of the XPERCON register) are set. If the XRAM1EN or
XPEN bits are cleared, any access in the address range 00’E000h - 00’E7FFh is directed to
external memory interface, using the BUSCONx register corresponding to an address
matching the ADDRSELx register.
The XRAM2 address range is 0F’0000h - 0F’FFFFh if the XPEN bit and XRAM2EN bit (bit 3
of the XPERCON register) are set. If the XRAM2EN or XPEN bits are cleared, any access in
the address range 00’C000h - 00’DFFFh is directed to the external memory interface, using
the BUSCONx register corresponding to an address matching the ADDRSELx register. The
same thing happens when the XPEN bit is set, but both the XRAM2EN and XFLASHEN bits
are cleared.
The lower 16 Kbyte portion of XRAM2 (address range 0F’0000h-0F’3FFFh) represents the
standby RAM which can be maintained biased through EA / VSTBY pin when the main
supply VDD is turned off.
As the XRAM appears as external memory, it cannot be used as a system stack or as a
register bank. The XRAM is not provided for single bit storage and therefore is not bit
addressable.
Note:
When the ROMEN bit in the SYSCON register is low, and the XPEN bit is set, and at least
one of the two bits XFLASHEN or XRAM2EN in the XPERCON register are also set, the
address 08’0000h - 08’FFFFh must be reserved (no external memory access is enabled).
4.5
Special function register (SFR) areas
An area of 1024 bytes (2 x 512 bytes) of address space is reserved for special function
registers (SFR) and extended special function registers (ESFR). SFRs are wordwide
registers which are used to control and to monitor the function of the different on-chip units.
4.6
CAN1
Address range 00’EF00h - 00’EFFFh is reserved for the CAN1 module access. CAN1 is
enabled by setting the XPEN bit (bit 2 of the SYSCON register) and the CAN1EN bit (bit 0 of
the XPERCON register). Access to the CAN module use demultiplexed addresses and a 16-
bit data bus (only word access is possible). Two wait states give an access time of 62.5 ns at
64 MHz CPU clock. No tristate wait states are used.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com