Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 17Page - STMicroelectronics ST10F296TR Datasheet HTML 18Page - STMicroelectronics ST10F296TR Datasheet HTML 19Page - STMicroelectronics ST10F296TR Datasheet HTML 20Page - STMicroelectronics ST10F296TR Datasheet HTML 21Page - STMicroelectronics ST10F296TR Datasheet HTML 22Page - STMicroelectronics ST10F296TR Datasheet HTML 23Page - STMicroelectronics ST10F296TR Datasheet HTML 24Page - STMicroelectronics ST10F296TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Ball data
21/346
Table 2.
Ball description
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
P6.0 to P6.7
E4
O
8-bit bidirectional I/O port,
bit-wise programmable for
input or output via direction
bit. Programming an I/O pin
as input forces the
corresponding output driver
to high impedance state.
Port 6 outputs can be
configured as push-pull or
open-drain drivers. The
input threshold of Port 6 is
selectable (TTL or CMOS).
P6.0
CS0
Chip select 0 output
D3
O
P6.1
CS1
Chip select 1 output
B1
O
P6.2
CS2
Chip select 2 output
I/O
SCLK1
SSC1: Master clock
output/slave clock input
C1
O
P6.3
CS3
Chip select 3 output
I/O
MTSR1
SSC1: Master-
transmitter/slave-receiver
O/I
D2
O
P6.4
CS4
Chip select 4 output
I/O
MRST1
SSC1: Master-
receiver/slave-transmitter
I/O
E3
I
P6.5
HOLD
External master hold
request input
F4
O
P6.6
HLDA
Hold acknowledge output
D1
O
P6.7
BREQ
Bus request output
P8.0 to P8.7
E2
I/O
8-bit bidirectional I/O port,
bit-wise programmable for
input or output via direction
bit. Programming an I/O pin
as input forces the
corresponding output driver
to high impedance state.
Port 8 outputs can be
configured as push-pull or
open-drain drivers. The
input threshold of Port 8 is
selectable (TTL or CMOS).
P8.0
CC16IO
CAPCOM2: CC16 capture
input/compare output
F3
I/O
P8.1
CC17IO
CAPCOM2: CC17 capture
input/compare output
F2
I/O
P8.2
CC18IO
CAPCOM2: CC18 capture
input/compare output
G3
I/O
P8.3
CC19IO
CAPCOM2: CC19 capture
input/compare output
G2
I/O
P8.4
CC20IO
CAPCOM2: CC20 capture
input/compare output
H4
I/O
P8.5
CC21IO
CAPCOM2: CC21 capture
input/compare output
H3
I/O
P8.6
CC22IO
CAPCOM2: CC22 capture
input/compare output
RxD1
ASC1: Data input
(asynchronous) or I/O
(synchronous)
H2
I/O
P8.7
CC23IO
CAPCOM2: CC23 capture
input/compare output
O
TxD1
ASC1: Clock/data output
(asynchronous/synchronous)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com