Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 93Page - STMicroelectronics ST10F296TR Datasheet HTML 94Page - STMicroelectronics ST10F296TR Datasheet HTML 95Page - STMicroelectronics ST10F296TR Datasheet HTML 96Page - STMicroelectronics ST10F296TR Datasheet HTML 97Page - STMicroelectronics ST10F296TR Datasheet HTML 98Page - STMicroelectronics ST10F296TR Datasheet HTML 99Page - STMicroelectronics ST10F296TR Datasheet HTML 100Page - STMicroelectronics ST10F296TR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
External bus controller (EBC)
97/346
8
External bus controller (EBC)
All external memory access is performed by the on-chip external bus controller.
The EBC can be programmed to single chip mode when no external memory is required, or
to one of four different external memory access modes:
●
16-/18-/20-/24-bit addresses and 16-bit data, demultiplexed
●
16-/18-/ 20-/24-bit addresses and 16-bit data, multiplexed
●
16-/18-/20-/24-bit addresses and 8-bit data, multiplexed
●
16-/18-/20-/24-bit addresses and 8-bit data, demultiplexed
In demultiplexed bus modes addresses are output on Port 1 and data is input/output on Port
0 or P0L, respectively. In the multiplexed bus modes both addresses and data use Port 0 for
input/output.
Timing characteristics of the external bus interface (memory cycle time, memory tri-state
time, length of ALE and read/write delay) are programmable giving the choice of a wide
range of memories and external peripherals.
Up to four independent address windows may be defined (using register pairs
ADDRSELx/BUSCONx) to access different resources and bus characteristics.
These address windows are arranged hierarchically where BUSCON4 overrides BUSCON3
and BUSCON2 overrides BUSCON1.
Access to locations not covered by these four address windows is controlled by BUSCON0.
Up to five external CS signals (four windows plus default) can be generated to save external
glue logic. Access to very slow memories is supported by a ‘ready’ function.
A HOLD/HLDA protocol is available for bus arbitration which shares external resources with
other bus masters.
The bus arbitration is enabled by setting the HLDEN bit in the PSW register. After setting
HLDEN once, pins P6.7 to P6.5 (BREQ, HLDA, and HOLD) are automatically controlled by
the EBC. In master mode (default after reset) the HLDA pin is an output. By setting bit DP6.7
to 1, slave mode is selected where pin HLDA is switched to input. This directly connects the
slave controller to another master controller without glue logic.
For applications which require less external memory space, the address space can be
restricted to 1 Mbyte, 256 Kbytes or to 64 Kbytes. Port 4 outputs all eight address lines if an
address space of 16 Mbytes is used, otherwise four, two or no address lines.
Chip select timing can be made programmable. By default (after reset), the CSx lines
change half a CPU clock cycle after the rising edge of ALE. With the CSCFG bit set in the
SYSCON register, the CSx lines change with the rising edge of ALE.
The active level of the READY pin can be set by the RDYPOL bit in the BUSCONx registers.
When the READY function is enabled for a specific address window, each bus cycle within
the window must be terminated with the active level defined by the RDYPOL bit in the
associated BUSCON register.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com