Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 13Page - STMicroelectronics ST10F296TR Datasheet HTML 14Page - STMicroelectronics ST10F296TR Datasheet HTML 15Page - STMicroelectronics ST10F296TR Datasheet HTML 16Page - STMicroelectronics ST10F296TR Datasheet HTML 17Page - STMicroelectronics ST10F296TR Datasheet HTML 18Page - STMicroelectronics ST10F296TR Datasheet HTML 19Page - STMicroelectronics ST10F296TR Datasheet HTML 20Page - STMicroelectronics ST10F296TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Description
17/346
1
Description
The ST10F296E is a derivative of the STMicroelectronics ST10 family of 16-bit single-chip
CMOS microcontrollers. It combines high CPU performance (up to 32 million instructions
per second) with high peripheral functionality and enhanced I/O-capabilities. It also provides
on-chip high-speed single voltage Flash memory, on-chip high-speed RAM, and clock
generation via the phase-locked loop (PLL).
ST10F296E is processed in 0.18 µm CMOS technology. The MCU core and the logic is
supplied with a 5 V to 1.8 V on-chip voltage regulator. The part is supplied with a single 5 V
supply and I/Os work at 5 V.
The device is upwardly compatible with the ST10F280 device, with the following differences:
●
The Flash control interface is now based on STMicroelectronics third generation of
standalone Flash memories (M29F400 series), with an embedded program/erase
controller. This completely frees up the CPU during programming or erasing of the
Flash.
●
Pins DC1 and DC2 of ST10F280, are renamed as V18. Do not connect these pins to
5.0 V external supply. Instead, these pin should be connected to a decoupling capacitor
(ceramic type, typical value 10 nF, maximum value 100 nF).
●
The AC and DC parameters are modified due to a difference in the maximum CPU
frequency.
●
The EA pin has assumed a new, alternate functionality: It is also used to provide a
dedicated power supply (see VSTBY) to maintain a portion of the XRAM (16 Kbytes)
biased when the main power supply of the device (VDD and consequently the internally
generated V18) is turned off for low power mode, thereby allowing data retention. VSTBY
voltage is in the range 4.5-5.5 V, and a dedicated embedded low power voltage
regulator provides the 1.8 V for the RAM. The upper limit of up to 6 V may be exceeded
for a very short period of time during the global life of the device. The lower limit of 4 V
may also be exceeded.
●
A second SSC, mapped on the XBus, has been added (SSC of ST10F280 becomes
SSC0, while the new SSC is referred to as XSSC or SSC1). There are some
restrictions and functional differences due to peculiarities present in the XBus between
the classic SSC and the new XSSC.
●
A second ASC, mapped on the XBus, has been added (ASC0 of ST10F280 remains
ASC0, while the new one is referred to as XASC or ASC1). Some restrictions and
functional differences due to peculiarities present in the XBus between the classic
ASC, and the new XASC.
●
The second PWM (XPWM), mapped on the XBus, has been improved adding set/clear
command for safe management of the control register. Memory mapping is thus slightly
different.
●
An I2C interface on the XBus has been added (see X-I2C or simply I2C interface).
●
The CLKOUT function can output either the CPU clock (as in ST10F280) or a software
programmable prescaled value of the CPU clock.
●
the embedded memory size has been significantly increased (both Flash and RAM).
●
PLL multiplication factors have been adapted to new frequency range.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com