Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 69Page - STMicroelectronics ST10F296TR Datasheet HTML 70Page - STMicroelectronics ST10F296TR Datasheet HTML 71Page - STMicroelectronics ST10F296TR Datasheet HTML 72Page - STMicroelectronics ST10F296TR Datasheet HTML 73Page - STMicroelectronics ST10F296TR Datasheet HTML 74Page - STMicroelectronics ST10F296TR Datasheet HTML 75Page - STMicroelectronics ST10F296TR Datasheet HTML 76Page - STMicroelectronics ST10F296TR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
The bootstrap loader
73/346
6.2.7
Exiting bootstrap loader mode
To execute a program in normal mode, the BSL mode must first be terminated. The
ST10F296E exits BSL mode upon a software reset (level on P0L.4 is ignored) or a hardware
reset (P0L.4 must be high in this case). After the reset, the ST10F296E starts executing
from location 00’0000H of the internal Flash (user Flash) or the external memory, as
programmed via pin EA.
Note:
If a bidirectional software reset is executed, and external memory boot is selected (EA = 0),
a degeneration of the software reset event into a hardware reset can occur. This implies that
P0L.4 becomes transparent, so to exit from bootstrap mode it is necessary to release pin
P0L.4 (it is no longer ignored).
6.2.8
Hardware requirements
Although the new bootstrap loader has been designed to be compatible with the old one,
there are a few hardware requirements related to the new one:
●
External bus configuration: Four segment address lines or less (keep CAN I/O’s
available) are required.
●
Use of CAN pins (P4.5 and P4.6): P4.5 (CAN1_RxD) can only be used as a port input.
Pin P4.6 (CAN1_TxD) can be used as input or output.
●
Level on UART RxD and CAN1_RxD during the bootstrap phase (see step 2 of
Figure 7: Booting steps for the ST10F296E on page 70): Must be 1 (external pull-up’s
recommended).
6.3
Standard bootstrap with UART (RS232 or K-line)
6.3.1
Features
ST10F296E bootstrap via UART has the same overall behavior as the old ST10 bootstrap
via UART:
●
Same bootstrapping steps
●
Same bootstrap method: To analyze the timing of a predefined byte, send back an
acknowledge byte, load a fixed number of bytes and then run.
●
Same functionalities: To boot with different crystals and PLL ratios.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com