Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 33Page - STMicroelectronics ST10F296TR Datasheet HTML 34Page - STMicroelectronics ST10F296TR Datasheet HTML 35Page - STMicroelectronics ST10F296TR Datasheet HTML 36Page - STMicroelectronics ST10F296TR Datasheet HTML 37Page - STMicroelectronics ST10F296TR Datasheet HTML 38Page - STMicroelectronics ST10F296TR Datasheet HTML 39Page - STMicroelectronics ST10F296TR Datasheet HTML 40Page - STMicroelectronics ST10F296TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Memory organization
37/346
4.12
I2C
Address range 00’EA00h - 00’EAFFh is reserved for the I2C module access. The I2C is
enabled by setting the XPEN bit (bit 2 of the SYSCON register) and bit 9 of the XPERCON
register. Access to the I2C module use demultiplexed addresses and a 16-bit data bus (only
word access is possible). Two waitstates give an access time of 62.5 ns at 64 MHz CPU
clock. No tristate waitstate is used.
4.13
XTimer/XMiscellaneous
Address range 00’EB00h - 00’EB7Fh is reserved for the access to XTimer and to a set of
XBus additional features (XMiscellaneous). They are enabled by setting the XPEN bit (bit 2
of the SYSCON register) and bit 10 of the XPERCON register. Access to these additional
modules and features use demultiplexed addresses and a 16-bit data bus (only word access
is possible). Two waitstates give an access time of 62.5 ns at 64 MHz CPU clock. No tristate
waitstate is used. In addition to the XTimer module control registers, the following set of
features are provided:
●
CLKOUT programmable divider
●
XBus interrupt management registers
●
ADC multiplexing on the P1L register
●
Port 1L digital disable register for extra ADC channels
●
CAN2 multiplexing on P4.5/P4.6
●
CAN1-2 main clock prescaler
●
Main voltage regulator disable for power-down mode
●
TTL/CMOS threshold selection for Port 0, Port 1, Port 5, XPort 9 and XPort 10.
4.14
XPort 9/XPort 10
Address range 00’EB80h - 00’EBFFh is reserved for access to XPort 9 and XPort 10. They
are enabled by setting the XPEN bit (bit 2 of the SYSCON register) and bit 11 of the
XPERCON register. These additional modules are accessed by demultiplexed addresses
and a 16-bit data bus (only word access is possible). Two waitstates give an access time of
62.5 ns at 64 MHz CPU clock. No tristate waitstate is used.
4.15
Visibility of XBus peripherals
To retain compatibility between the ST10F296E and the ST10F280, the XBus peripherals
can be selected to be visible and/or accessible on the external address/data bus. Different
bits must be set in the XPERCON register to enable the XPeripherals. If these bits are
cleared before global enabling with the XPEN bit (in the SYSCON register), the
corresponding address space, port pins and interrupts are not occupied by the peripherals,
and the peripheral is not visible and not available. Refer to Section 23: Register set on
page 248.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com