Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 45Page - STMicroelectronics ST10F296TR Datasheet HTML 46Page - STMicroelectronics ST10F296TR Datasheet HTML 47Page - STMicroelectronics ST10F296TR Datasheet HTML 48Page - STMicroelectronics ST10F296TR Datasheet HTML 49Page - STMicroelectronics ST10F296TR Datasheet HTML 50Page - STMicroelectronics ST10F296TR Datasheet HTML 51Page - STMicroelectronics ST10F296TR Datasheet HTML 52Page - STMicroelectronics ST10F296TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Internal Flash memory
49/346
12
DWPG
Double word program
This bit must be set to select the double word (64 bits) program operation in
the Flash modules. The double word program operation allows 0s to be
programmed instead of 1s. The Flash address in which to program (aligned
with even words) must be written in the FARH/L registers, while the two
Flash data to be programmed must be written in the FDR0H/L registers
(even word) and FDR1H/L registers (odd word) before starting the
execution by setting the WMS bit. The DWPG bit is automatically reset at
the end of the double word program operation.
11
SER
Sector erase
This bit must be set to select the sector erase operation in the Flash
modules. The sector erase operation allows all Flash locations to 0xFF to
be erased. 1 to all sectors of the same bank (excluding the Test-Flash for
Bank B0) can be erased through bits BxFy of the FCR1H/L registers before
starting the execution by setting the WMS bit. Preprogramming the sectors
to 0x00 is done automatically. The SER bit is automatically reset at the end
of the sector erase operation.
10-9
-
Reserved
8
SPR
Set protection
This bit must be set to select the set protection operation. The set
protection operation allows 0s to be programmed instead of 1s in the Flash
non-volatile protection registers. The Flash address in which to program
must be written in the FARH/L registers, while the Flash data to be
programmed must be written in the FDR0H/L before starting the execution
by setting the WMS bit. A sequence error is flagged by the SEQER bit of
the FER register if the address written in FARH/L is not in the range
0x0EDFB0-0x0EDFBF. The SPR bit is automatically reset at the end of the
set protection operation.
7SMOD
Select module
If this bit is reset, a write operation is performed on the XFlash module. if
this bit is set, a write operation is performed on IFlash module. The SMOD
bit is automatically reset at the end of the write operation.
6-0
-
Reserved
Table 12.
FCR0H register decription (continued)
Bit
Bit name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com