Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 28Page - STMicroelectronics ST10F296TR Datasheet HTML 29Page - STMicroelectronics ST10F296TR Datasheet HTML 30Page - STMicroelectronics ST10F296TR Datasheet HTML 31Page - STMicroelectronics ST10F296TR Datasheet HTML 32Page - STMicroelectronics ST10F296TR Datasheet HTML 33Page - STMicroelectronics ST10F296TR Datasheet HTML 34Page - STMicroelectronics ST10F296TR Datasheet HTML 35Page - STMicroelectronics ST10F296TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
ST10F296E
32/346
3
Functional description
The architecture of the ST10F296E combines advantages of both RISC and CISC
processors and an advanced peripheral subsystem. The block diagram of Figure 3 gives an
overview of the different on-chip components and the high bandwidth internal bus structure
of the ST10F296E.
Figure 3.
Block diagram
BRG
BRG
Port 6
Port 5
CPU-Core and MAC unit
XTimer
XASC
XCAN2
XPort 9
XPWM
XRAM
2K
XRAM
16K
XRAM
48K
(STBY)
(PEC)
XFlash
320K
IFlash
512K
32
16
16
16
16
16
16
16
16
16
16
16
PEC
Interrupt controller
Port 3
Port 7
Port 8
16
Watchdog
IRAM
2K
16
XRTC
Oscillator
PLL
5V-1.8V
voltage
regulator
16
16
8
8
16
1588
16
16
XCAN1
16
XPort 10
16
XSSC
16
XI2C
16
16
16
4
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com