Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 70Page - STMicroelectronics ST10F296TR Datasheet HTML 71Page - STMicroelectronics ST10F296TR Datasheet HTML 72Page - STMicroelectronics ST10F296TR Datasheet HTML 73Page - STMicroelectronics ST10F296TR Datasheet HTML 74Page - STMicroelectronics ST10F296TR Datasheet HTML 75Page - STMicroelectronics ST10F296TR Datasheet HTML 76Page - STMicroelectronics ST10F296TR Datasheet HTML 77Page - STMicroelectronics ST10F296TR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
74/346
Figure 10.
UART bootstrap loader sequence
1.
BSL initialization time > 1ms @ fCPU = 40 MHz.
2.
Zero byte (1 start bit, eight 0 data bits, 1 stop bit), sent by host.
3.
Acknowledge byte, sent by ST10F296E.
4.
32 bytes of code / data, sent by host.
5.
TxD0 is only driven a certain time after reception of the zero byte (1.3 ms @ fCPU = 40 MHz).
6.
Internal boot ROM / Test-Flash.
6.3.2
Entering bootstrap via UART
The ST10F296E enters BSL mode at the end of a hardware reset if pin P0L.4 is sampled
low. In this case, the built-in bootstrap loader is activated independent of the selected bus
mode. The bootstrap loader code is stored in a special Test-Flash, for which no part of the
standard mask ROM or Flash memory area is required.
After entering BSL mode and the respective initialization, the ST10F296E scans the RxD0
line to receive a zero byte (one start bit, eight 0 data bits and one stop bit). From this zero
byte, it calculates the corresponding baud rate factor with respect to the current CPU clock,
initializes the serial interface ASC0 accordingly, and switches the TxD0 pin to output. Using
this baud rate, an acknowledge byte is returned to the host that provides the loaded data.
The acknowledge byte for the ST10F296E is D5h.
RSTIN
TxD0
Int. boot ROM/Test-Flash BSL-routine
32 bytes
2)
3)
RxD0
CSP:IP
user software
4)
6)
P0L.4
1)
5)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com