Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 30Page - STMicroelectronics ST10F296TR Datasheet HTML 31Page - STMicroelectronics ST10F296TR Datasheet HTML 32Page - STMicroelectronics ST10F296TR Datasheet HTML 33Page - STMicroelectronics ST10F296TR Datasheet HTML 34Page - STMicroelectronics ST10F296TR Datasheet HTML 35Page - STMicroelectronics ST10F296TR Datasheet HTML 36Page - STMicroelectronics ST10F296TR Datasheet HTML 37Page - STMicroelectronics ST10F296TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Memory organization
ST10F296E
34/346
4.2
XFlash
XFlash comprises 320 Kbytes of on-chip extension Flash memory. The XFLASH address
range is 09’0000h - 0E’FFFFh if enabled (if the XPEN bit, bit 2, of the SYSCON register and
the XFLASHEN bit, bit 5, of the XPERCON register are set ). If the XPEN bit is cleared, any
access in the address range 09’0000h - 0E’FFFFh is directed to the external memory
interface, using the BUSCONx register corresponding to an address matching the
ADDRSELx register. When the XPEN bit is set, but the XFLASHEN and XRAM2EN bits are
cleared.
Note:
When the Flash control registers are not accessible, no program/erase operations are
possible.
XFlash is divided into 3 blocks (B2F0...B0F2) of Bank 2, and two blocks of Bank 3 (B3F0,
B3F1). Read-while-write operations inside the same bank are not allowed. Flash control
registers are mapped in the range 0E’0000h - 0E’FFFFh. The summary of address range for
XFLASH is given in Table 4.
The XFlash is accessed like an external memory in 16-bit demultiplexed bus-mode without
read/write delay. The user must set the proper number of waitstates according to the system
frequency (1 waitstate for fCPU higher than 40 MHz, 0 waitstates otherwise). Refer to the
XFICR register described in Section 5: Internal Flash memory on page 42). Byte and word
access is allowed.
Note:
When the ROMEN and XPEN bits in the SYSCON register are set, together with at least
one of the XFLASHEN or XRAM2EN bits in the XPERCON register, the address 08’0000h -
08’FFFFh must be reserved (no external memory access is enabled).
4.3
Internal RAM (IRAM)
2 Kbytes of on-chip IRAM (dual-port) is provided as a storage for data, system stack,
general purpose register bank and code. A register bank includes 16 wordwide (R0 to R15)
and/or bytewide (RL0, RH0, …, RL7, RH7) general purpose registers.
Table 4.
Address ranges for IFlash
Blocks
User Mode
Size (Kbytes)
B2F0
09’0000h - 09’FFFFh
64
B2F1
0A’0000h - 0A’FFFFh
64
B2F2
0B’0000h - 0B’FFFFh
64
B3F0
0C’0000h - 0C’FFFFh
64
B3F1
0D’0000h - 0D’FFFFh
64
CTRL Registers
0E’0000h - 0E’FFFFh
64
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com