Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 16Page - STMicroelectronics ST10F296TR Datasheet HTML 17Page - STMicroelectronics ST10F296TR Datasheet HTML 18Page - STMicroelectronics ST10F296TR Datasheet HTML 19Page - STMicroelectronics ST10F296TR Datasheet HTML 20Page - STMicroelectronics ST10F296TR Datasheet HTML 21Page - STMicroelectronics ST10F296TR Datasheet HTML 22Page - STMicroelectronics ST10F296TR Datasheet HTML 23Page - STMicroelectronics ST10F296TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball data
ST10F296E
20/346
2
Ball data
The ST10F296E package is a PBGA measuring 23 x 23 x 1.96 mm. Ball pitch is 1.27 mm.
Pin configuration is shown in Figure 2 while the signal assignment of the balls is given in
Table 2. This package has 25 additional thermal balls.
Figure 2.
Pin configuration (bottom view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
U
U1
XP10.15
U2
VAREF
U3
VAGND
U4
P5.5
U5
P5.9
U6
P5.13
U7
VSS
U8
VDD
U9
P2.7
U10
VSS
U11
V18
U12
P2.13
U13
VSS
U14
VSS
U15
VDD
U16
VSS
U17
VSS
U
T
T1
XP10.14
T2
P5.0
T3
P5.2
T4
P5.4
T5
P5.8
T6
P5.12
T7
P2.0
T8
P2.3
T9
P2.4
T10
P2.8
T11
P2.11
T12
P2.15
T13
P3.1
T14
P3.4
T15
VSS
T16
VSS
T17
P3.15
T
R
R1
XP10.13
R2
XP10.12
R3
P5.1
R4
P5.3
R5
P5.7
R6
P5.11
R7
P5.15
R8
P2.2
R9
P2.6
R10
P2.9
R11
P2.12
R12
P3.0
R13
P3.3
R14
P3.6
R15
P3.8
R16
P3.9
R17
VSS
R
P
P1
XP10.11
P2
XP10.10
P3
XP10.9
P4
XP10.8
P5
P5.6
P6
P5.10
P7
P5.14
P8
P2.1
P9
P2.5
P10
P2.10
P11
P2.14
P12
P3.2
P13
P3.5
P14
P3.7
P15
P3.11
P16
P3.12
P17
VDD
P
N
N1
XP10.7
N2
XP10.6
N3
XP10.5
N4
XP10.4
N14
P3.10
N15
VSS
N16
P4.0
N17
VSS
N
M
M1
XP10.3
M2
XP10.2
M3
XP10.1
M4
XP10.0
M14
P3.13
M15
P4.1
M16
P4.3
M17
RPD
M
L
L1
VSS
L2
P7.7
L3
XADCINJ
L4
VSS
L7
VSS
L8
VSS
L9
VSS
L10
VSS
L11
VSS
L14
P4.2
L15
P4.4
L16
P4.5
L17
VDD
L
K
K1
VDD
K2
P7.4
K3
P7.5
K4
P7.6
K7
VSS
K8
VSS
K9
VSS
K10
VSS
K11
VSS
K14
P4.6
K15
P4.7
K16
VSS
K17
VSS
K
J
J1
P7.3
J2
P7.2
J3
P7.1
J4
P7.0
J7
VSS
J8
VSS
J9
VSS
J10
VSS
J11
VSS
J14
RD
J15
WR
J16
READY
17
ALE
J
H
H1
VSS
H2
P8.7
H3
P8.6
H4
P8.5
H7
VSS
H8
VSS
H9
VSS
H10
VSS
H11
VSS
H14
P0L.2
H15
P0L.1
H16
P0L.0
H17
EA
H
G
G1
V18
G2
P8.4
G3
P8.3
G4
VSS
G7
VSS
G8
VSS
G9
VSS
G10
VSS
G11
VSS
G14
P0L.5
G15
P0L.4
G16
P0L.3
G17
VDD
G
F
F1
VSS
F2
P8.2
F3
P8.1
F4
P6.6
F14
P0H.2
F15
P0H.0
F16
P0L.6
F17
VSS
F
E
E1
VDD
E2
P8.0
E3
P6.5
E4
P6.0
E14
P0H.7
E15
P0H.4
E16
P0H.1
E17
P0L.7
E
D
D1
P6.7
D2
P6.4
D3
P6.1
D4
XPOUT0
D5
VSS
D6
VSS
D7
P1H.5
D8
P1H.1
D9
P1L.6
D10
P1L.2
D11
XP9.14
D12
XP9.11
D13
XP9.5
D14
XP9.2
D15
XP9.0
D16
P0H.5
D17
P0H.3
D
C
C1
P6.3
C2
XPOUT3
C3
XPOUT1
C4
NMI
C5
P1H.6
C6
P1H.7
C7
P1H.4
C8
P1H.0
C9
P1L.7
C10
P1L.3
C11
P1L.0
C12
XP9.13
C13
XP9.10
C14
XP9.6
C15
XP9.3
C16
XP9.1
C17
P0H.6
C
B
B1
P6.2
B2
XPOUT2
B3
VSS
B4
RSTOUT
B5
VSS
B6
VSS
B7
P1H.3
B8
VSS
B9
VSS
B10
P1L.4
B11
P1L.1
B12
XP9.15
B13
XP9.12
B14
XP9.9
B15
XP9.7
B16
XP9.4
B17
VSS
B
A
A1
VSS
A2
VDD
A3
RSTIN
A4
VSS
A5
XTAL1
A6
XTAL2
A7
P1H.2
A8
VSS
A9
VDD
A10
P1L.5
A11
VSS
A12
VDD
A13
VSS
A14
VDD
A15
XP9.8
A16
VSS
A17
VSS
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com