Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 73Page - STMicroelectronics ST10F296TR Datasheet HTML 74Page - STMicroelectronics ST10F296TR Datasheet HTML 75Page - STMicroelectronics ST10F296TR Datasheet HTML 76Page - STMicroelectronics ST10F296TR Datasheet HTML 77Page - STMicroelectronics ST10F296TR Datasheet HTML 78Page - STMicroelectronics ST10F296TR Datasheet HTML 79Page - STMicroelectronics ST10F296TR Datasheet HTML 80Page - STMicroelectronics ST10F296TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
The bootstrap loader
77/346
Figure 11.
Baud rate deviation between the host and ST10F296E
The minimum baud rate (BLow in Figure 11) is determined by the maximum count capacity
of Timer T6, when measuring the zero byte, i.e. it depends on the CPU clock. Using the
maximum T6 count as 216 in the formula, the minimum baud rate can be calculated. The
lowest standard baud rate in this case is 1200 Baud. Baud rates below BLow cause T6 to
overflow. In this case ASC0 cannot be initialized properly.
The maximum baud rate (BHigh in Figure 11) is the highest baud rate where the deviation
does not exceed the limit, i.e. all baud rates between BLow and BHigh are below the deviation
limit. The maximum standard baud rate that fulfills this requirement is 19200 Baud.
Higher baud rates, however, may be used as long as the actual deviation does not exceed
the limit. The baud rate marked ‘I’ in Figure 11 may violate the deviation limit, while the
higher baud rate, marked ‘II’, in Figure 11 stays well below it. This depends on the host
interface.
BLow
2.5%
FB
BHigh
I
II
BHOST
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com