Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 102Page - STMicroelectronics ST10F296TR Datasheet HTML 103Page - STMicroelectronics ST10F296TR Datasheet HTML 104Page - STMicroelectronics ST10F296TR Datasheet HTML 105Page - STMicroelectronics ST10F296TR Datasheet HTML 106Page - STMicroelectronics ST10F296TR Datasheet HTML 107Page - STMicroelectronics ST10F296TR Datasheet HTML 108Page - STMicroelectronics ST10F296TR Datasheet HTML 109Page - STMicroelectronics ST10F296TR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Capture/compare (CAPCOM) units
ST10F296E
106/346
10
Capture/compare (CAPCOM) units
The ST10F296E has two 16 channel CAPCOM units as shown in Figure 21: CAPCOM unit
block diagram. These support generation and control of timing sequences on up to 32
channels with a maximum resolution of 125 ns at 64 MHz CPU clock. The CAPCOM units
are typically used to handle high speed I/O tasks such as pulse and waveform generation,
PMW, digital to analog (D/A) conversion, software timing, or time recording relative to
external events.
Four 16-bit timers (T0/T1, T7/T8) with reload registers provide two independent time bases
for the capture/compare register array (see Figure 22 and Figure 23).
The input clock for the timers is programmable to several prescaled values of the internal
system clock, or it may be derived from an overflow/underflow of Timer T6 in module GPT2.
This provides a wide range of variation for the timer period and resolution and allows precise
adjustments for application-specific requirements. In addition, external count inputs for
CAPCOM timers T0 and T7 allow event scheduling for the capture/compare registers
relative to external events.
Each of the two capture/compare register arrays contain 16 dual purpose capture/compare
registers, each of which may be individually allocated to either CAPCOM timer T0 or T1 (T7
or T8, respectively), and programmed for capture or compare functions. Each of the 32
registers has one associated port pin which serves as an input pin for triggering the capture
function, or as an output pin to indicate the occurrence of a compare event. Figure 21 shows
the basic structure of the two CAPCOM units.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com