Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 112Page - STMicroelectronics ST10F296TR Datasheet HTML 113Page - STMicroelectronics ST10F296TR Datasheet HTML 114Page - STMicroelectronics ST10F296TR Datasheet HTML 115Page - STMicroelectronics ST10F296TR Datasheet HTML 116Page - STMicroelectronics ST10F296TR Datasheet HTML 117Page - STMicroelectronics ST10F296TR Datasheet HTML 118Page - STMicroelectronics ST10F296TR Datasheet HTML 119Page - STMicroelectronics ST10F296TR Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Pulse-width modulation (PWM) modules
ST10F296E
116/346
XPWMPORT register
The XPWMPORT register is enabled and visible only when the XPEN and XPWMEN bits of
the SYSCON and XPERCON registers respectively are set.
12.2.1
Software control of the XPWM outputs
In an application, the XPWM output signals are generally controlled by the XPWM module.
However, it may be necessary to influence the level of the XPWM output pins via software,
either to initialize the system or to react to some extraordinary conditions such as a system
fault or an emergency.
Clearing the timer run bit PTRx stops the associated counter and leaves the respective
output at its current level.
The individual XPWM channel outputs are controlled by comparators according to the
formula:
PWM output signal = [XPTx] > [XPWx shadow latch]
Whenever software changes register XPTx, the respective output reflects the condition after
the change. Loading timer XPTx with a value greater than or equal to the value in XPWx
immediately sets the respective output, an XPTx value below the XPWx value clears the
respective output.
By clearing or setting the respective XPWMPORT output latch the XPWM channel signal is
driven directly or inverted to the port pin.
Clearing the enable bit PENx disconnects the XPWM channel and switches the respective
pin to the value in the port output latch XP.y.
Note:
To prevent further PWM pulses from occurring after such a software intervention the
respective counter must be stopped first.
Figure 27 shows the XPWM output signal generation.
XPWMPORT (EC80h)
XBus
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
XODP
.3
XP
.3
XDP
.3
XODP
.2
XP
.2
XDP
.2
XODP8
.1
XP
.1
XDP
.1
XODP
.0
XP
.0
XDP
.0
-RW
RW RW
RW
RW RW
RW
RW RW
RW
RW
RW
Table 60.
XPWMPORT register description
Bit
Bit name
Function
15-12
-
Reserved
11, 8, 5, 2
XODP.y
Port open-drain control register bit y
0: Port line XPOUT.y output driver in push-pull mode
1: Port line XPOUT.y output driver in open-drain mode
10, 7, 4, 1
XP.y
Port data register bit y
9, 6, 3, 0
XDP.y
Port direction register bit y
0: Port line XPOUT.y is an input (high impedance)
1: Port line XPOUT.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com