Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 129Page - STMicroelectronics ST10F296TR Datasheet HTML 130Page - STMicroelectronics ST10F296TR Datasheet HTML 131Page - STMicroelectronics ST10F296TR Datasheet HTML 132Page - STMicroelectronics ST10F296TR Datasheet HTML 133Page - STMicroelectronics ST10F296TR Datasheet HTML 134Page - STMicroelectronics ST10F296TR Datasheet HTML 135Page - STMicroelectronics ST10F296TR Datasheet HTML 136Page - STMicroelectronics ST10F296TR Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
133/346
13.4
Port 2
If this 16-bit port is used for general purpose I/O, the direction of each line can be configured
via the corresponding direction register DP2. Each port line can be switched into push-pull
or open-drain mode via the open-drain control register ODP2.
13.4.1
Port 2 registers
P2 register
DP2 register
P2 (FFC0h/E0h)
SFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
P2
.15
P2
.14
P2
.13
P2
.12
P2
.11
P2
.10
P2
.9
P2
.8
P2
.7
P2
.6
P2
.5
P2
.4
P2
.3
P2
.2
P2
.1
P2
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 71.
P2 register description
Bit
Bit name
Function
15-0
P2.y
Port data register P2 bit y
DP2 (FFC2h/E1h)
SFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
DP2
.15
DP2
.14
DP2
.13
DP2
.12
DP2
.11
DP2
.10
DP2
.9
DP2
.8
DP2
.7
DP2
.6
DP2
.5
DP2
.4
DP2
.3
DP2
.2
DP2
.1
DP2
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 72.
DP2 register description
Bit
Bit name
Function
15-0
DP2.y
Port direction register DP2 bit y
0: Port line P2.y is an input (high impedance)
1: Port line P2.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com