Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 137Page - STMicroelectronics ST10F296TR Datasheet HTML 138Page - STMicroelectronics ST10F296TR Datasheet HTML 139Page - STMicroelectronics ST10F296TR Datasheet HTML 140Page - STMicroelectronics ST10F296TR Datasheet HTML 141Page - STMicroelectronics ST10F296TR Datasheet HTML 142Page - STMicroelectronics ST10F296TR Datasheet HTML 143Page - STMicroelectronics ST10F296TR Datasheet HTML 144Page - STMicroelectronics ST10F296TR Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
141/346
Figure 39.
Block diagram of a Port 3 pin
Pin P3.12 (BHE/WRH) is another pin with an alternate output function. However, its
structure is slightly different to the Port 3 pin (see Figure 40). After reset, the BHE or WRH
function must be used. In either case, port latches cannot be programmed before. Thus, the
appropriate alternate function is selected automatically. If BHE/WRH is not used in the
system, this pin can be used for general purpose I/O by disabling the alternate function
(BYTDIS = 1/WRCFG = 0).
Note:
Enabling the BHE or WRH function automatically enables the P3.12 output driver. Setting bit
DP3.12 = 1 is not required. During bus hold, pin P3.12 is switched back to its standard
function and is then controlled by DP3.12 and P3.12. In this case, keep DP3.12 = 0 to
ensure floating in hold mode.
Open-drain
latch
Write ODP3.y
Read ODP3.y
Direction
latch
Write DP3.y
Read DP3.y
MUX
0
1
Alternate data input
Input
latch
Clock
P3.y
Output
buffer
y = 13, 11 to 0
Port output
latch
Read P3.y
Write P3.y
&
Alternate
data input
Port data
output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com