Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 178Page - STMicroelectronics ST10F296TR Datasheet HTML 179Page - STMicroelectronics ST10F296TR Datasheet HTML 180Page - STMicroelectronics ST10F296TR Datasheet HTML 181Page - STMicroelectronics ST10F296TR Datasheet HTML 182Page - STMicroelectronics ST10F296TR Datasheet HTML 183Page - STMicroelectronics ST10F296TR Datasheet HTML 184Page - STMicroelectronics ST10F296TR Datasheet HTML 185Page - STMicroelectronics ST10F296TR Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Analog-to-digital converter (ADC)
ST10F296E
182/346
Timer output
The trigger output, XADCINJ, is generated when the current value of the timer (XTCVR)
matches the end value stored in the XTEVR register and when the output enable bit is set
(XTCR.TOE = 1). If the output enable bit is reset, no event is generated regardless of the
timer status (the XADINJ pin is kept at high impedance state).
The XADCINJ output trigger event is a positive pulse of 12 CPU clock cycles width (187 ns
@64 MHz). To generate an ADC channel injection it has to be externally connected to the
input P7.7/CC31 (CAPCOM2 capture/compare).
The ADC exclusively converts Port 5 or XPort 10 inputs. If one ‘y’ channel has to be used
continuously in injection mode, it must be externally connected by hardware to Port5.y and
XPort10.y inputs.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com