Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 207 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 207 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 203Page - STMicroelectronics ST10F296TR Datasheet HTML 204Page - STMicroelectronics ST10F296TR Datasheet HTML 205Page - STMicroelectronics ST10F296TR Datasheet HTML 206Page - STMicroelectronics ST10F296TR Datasheet HTML 207Page - STMicroelectronics ST10F296TR Datasheet HTML 208Page - STMicroelectronics ST10F296TR Datasheet HTML 209Page - STMicroelectronics ST10F296TR Datasheet HTML 210Page - STMicroelectronics ST10F296TR Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Real-time clock (RTC)
207/346
RTC divider counter registers (RTCDH and RTCDL)
The divider counter registers (the basic reference clocks) include the RTC divider high
(RTCDH) and RTC divider low (RTCDL). These registers are read-only. They are reloaded
with the value stored in the prescaler registers, RTCPH and RTCPL. To get accurate time
measurements, the value of the divider can be read by reading the RTCDH and RTCDL.
When a bit is changed in the prescaler register, the value is loaded into the divider. When
the divider increments to reach 00000h, the 20-bit word stored in RTCPH or RTCPL is
loaded into it.
Note:
Bits 15 to 4 of the RTCDH are not used. When reading this register, the return value of these
bit is zero.
Note:
Neither the RTCDH nor the RTCDL counter registers can be reset.
Figure 74.
Divider counter registers
RTCDH (ED0Ch)
XBus
Reset value: ---Xh
15
14
13
12
11
10
987
65432
10
Reserved
RTCDH
-R
RTCDL (ED0Ah)
XBus
Reset value: XXXXh
15
14
13
12
11
10
987
65432
10
RTCDL
R
3
2
1
0
7
6
5
4
11
10
9
8
15
14
13
12
3
2
1
0
RTCDH
RTCDL
3
2
1
0
7
6
5
4
11
10
9
8
15
14
13
12
19
18
17
16
20-bit word internal value of the prescaler divider
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com