Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 220 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 220 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 216Page - STMicroelectronics ST10F296TR Datasheet HTML 217Page - STMicroelectronics ST10F296TR Datasheet HTML 218Page - STMicroelectronics ST10F296TR Datasheet HTML 219Page - STMicroelectronics ST10F296TR Datasheet HTML 220Page - STMicroelectronics ST10F296TR Datasheet HTML 221Page - STMicroelectronics ST10F296TR Datasheet HTML 222Page - STMicroelectronics ST10F296TR Datasheet HTML 223Page - STMicroelectronics ST10F296TR Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
System reset
ST10F296E
220/346
Figure 78.
Asynchronous hardware reset (EA = 0)
1.
Longer than Port 0 settling time + PLL synchronization (if needed, that is P0(15:13) changed). Longer than 500 ns to take
account of input filter on RSTIN pin.
2.
Three to eight TCL depending on clock source selection.
20.3
Synchronous reset (warm reset)
A synchronous reset is triggered when the RSTIN pin is pulled low while the RPD pin is at
high level. To activate the internal reset logic of the device, the RSTIN pin must be held low,
at least, during 4 TCL (2 CPU clock periods). Refer to Section 20.1: Input filter on page 214
for details on minimum reset pulse duration. The I/O pins are set to high impedance and the
RSTOUT pin is driven low. Once the RSTIN level is detected, a short duration of 12 TCL
maximum (6 CPU clock periods) elapses, during which time pending internal hold states are
cancelled and the current internal access cycle (if any) is completed. The external bus cycle
is aborted. The internal pull-down of RSTIN pin is activated if bit BDRSTEN of the SYSCON
register was previously set by software. Note that this bit is always cleared at power-on or
after a reset sequence.
RSTF
P0[15:13]
P0[12:2]
Transparent
Not t.
Transparent
Not t.
P0[1:0]
Not t.
Not transparent
3..8 TCL(2)
RST
Latching point of Port 0 for
system start-up configuration
RPD
ALE
(1)
Not transparent
Not transparent
(after filter)
RSTIN
≤500 ns
≥ 50 ns
≤500 ns
≥ 50 ns
8 TCL
3..4 TCL
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com