Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
AS4C64M8D2
Confidential
10
Rev. 1.0
Feb. /2014
 Extended Mode Register Set (EMRS)
- EMR(1)
The extended mode register(1) stores the data for enabling or disabling the DLL, output driver strength, ODT
value selection and additive latency. The default value of the extended mode register is not defined, therefore the
extended mode register must be written after power-up for proper operation. The extended mode register is
written by asserting LOW on CS#, RAS#, CAS#, WE#, BA1 and HIGH on BA0, while controlling the states of
address pins A0 ~ A13. The DDR2 SDRAM should be in all bank precharge with CKE already HIGH prior to
writing into the extended mode register. The mode register set command cycle time (tMRD) must be satisfied to
complete the write operation to the extended mode register. Mode register contents can be changed using the
same command and clock cycle requirements during normal operation as long as all banks are in the precharge
state. A0 is used for DLL enable or disable. A1 is used for enabling a half strength data-output driver. A3~A5
determine the additive latency, A2 and A6 are used for ODT value selection, A7~A9 are used for OCD control,
A10 is used for DQS# disable.
- DLL Enable/Disable
The DLL must be enabled for normal operation. DLL enable is required during power up initialization, and upon
returning to normal operation after having the DLL disabled. The DLL is automatically disabled when entering self
refresh operation and is automatically re-enabled upon exit of self refresh operation. Any time the DLL is enabled
(and subsequently reset), 200 clock cycles must occur before a Read command can be issued to allow time for
the internal clock to be synchronized with the external clock. Failing to wait for synchronization to occur may
result in a violation of the tAC or tDQSCK parameters.
Table 6. Extended Mode Register EMR (1) Bitmap
BA1 BA0 A13 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0 Address Field
0
1
0
*3
Qoff 0
*3
DQS#
OCD program Rtt Additive Latency Rtt D.I.C DLL Extended Mode Register
BA1
BA0
MRS mode
A6
A2
Rtt(NOMINAL)
0
0
MR
0
0
ODT Disable
A0
DLL Enable
0
1
EMR(1)
0
1
75Ω
0
Enable
1
0
EMR(2)
1
0
150Ω
1
Disable
1
1
EMR(3)
1
1
50Ω
A9
A8
A7 OCD Calibration Program
A1
Output Driver
Impedance Control
0
0
0
OCD Calibration mode exit; maintain setting
0
0
1
Reserved
0
Full strength
0
1
0
Reserved
1
Reduced strength
1
0
0
Reserved
1
1
1
OCD Calibration default
*1
A5
A4
A3
Additive Latency
0
0
0
0
A12
Qoff
*2
0
0
1
1
0
Output buffer enabled
0
1
0
2
A10
DQS#
1
Output buffer disabled
0
1
1
3
0
Enable
1
0
0
4
1
Disable
1
0
1
5
1
1
0
Reserved
1
1
1
Reserved
NOTE 1: After setting to default, OCD calibration mode needs to be exited by setting A9-A7 to 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com