Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 29 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 29 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 33Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
AS4C64M8D2
Confidential
29
Rev. 1.0
Feb. /2014
NOTE 9:tIS and tIH (input setup and hold) derating
For all input signals the total tIS (setup time) and tIH (hold time) required is calculated by adding the data sheet
tIS(base) and tIH(base) value to the ΔtIS and ΔtIH derating value respectively. Example: tIS (total setup time) =
tIS(base) + ΔtIS
For slew rates in between the values listed in Tables 27, the derating values may obtained by linear
interpolation.These values are typically not subject to production test. They are verified by design and
characterization
Table 27. Derating values for DDR2-667, DDR2-800
△tIS and △tIH Derating Values for DDR2-667, DDR2-800
CK,CK# Differential Slew Rate
2.0 V/ns
1.5 V/ns
1.0 V/ns
△tIS
△tIH
△tIS
△tIH
△tIS
△tIH
Units
Notes
Command/
Address Slew rate
(V/ns)
4.0
+150
+94
+180
+124
+210
+154
ps
1
3.5
+143
+89
+173
+119
+203
+149
ps
1
3.0
+133
+83
+163
+113
+193
+143
ps
1
2.5
+120
+75
+150
+105
+180
+135
ps
1
2.0
+100
+45
+130
+75
+160
+105
ps
1
1.5
+67
+21
+97
+51
+127
+81
ps
1
1.0
0
0
+30
+30
+60
+60
ps
1
0.9
-5
-14
+25
+16
+55
+46
ps
1
0.8
-13
-31
+17
-1
+47
+29
ps
1
0.7
-22
-54
+8
-24
+38
+6
ps
1
0.6
-34
-83
-4
-53
+26
-23
ps
1
0.5
-60
-125
-30
-95
0
-65
ps
1
0.4
-100
-188
-70
-158
-40
-128
ps
1
0.3
-168
-292
-138
-262
-108
-232
ps
1
0.25
-200
-375
-170
-345
-140
-315
ps
1
0.2
-325
-500
-295
-470
-265
-440
ps
1
0.15
-517
-708
-487
-678
-457
-648
ps
1
0.1
-1000
-1125
-970
-1095
-940
-1065
ps
1
NOTE 10: The maximum limit for this parameter is not a device limit. The device will operate with a greater value
for this parameter, but system performance (bus turnaround) will degrade accordingly.
NOTE 11: MIN (tCL, tCH) refers to the smaller of the actual clock LOW time and the actual clock HIGH time as
provided to the device (i.e. this value can be greater than the minimum specification limits for tCL and tCH).
NOTE 12:tQH = tHP – tQHS, where:
tHP = minimum half clock period for any given cycle and is defined by clock HIGH or clock LOW (tCH, tCL). tQHS
accounts for:
1) The pulse duration distortion of on-chip clock circuits; and
2) The worst case push-out of DQS on one transition followed by the worst case pull-in of DQ on the next
transition, both of which are, separately, due to data pin skew and output pattern effects, and p-channel to n-
channel variation of the output drivers.
NOTE 13: tDQSQ: Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the
output drivers as well as output slew rate mismatch between DQS / DQS# and associated DQ in any given
cycle.
NOTE 14: tDAL = WR + RU{ tRP[ns] / tCK[ns] }, where RU stands for round up.WR refers to the tWR parameter stored
in the MRS. For tRP, if the result of the division is not already an integer, round up to the next highest integer.
tCK refers to the application clock period.
NOTE 15: The clock frequency is allowed to change during self–refresh mode or precharge power-down mode. In
case of clock frequency change during precharge power-down.
NOTE 16: ODT turn on time min is when the device leaves high impedance and ODT resistance begins to turn on.
ODT turn on time max is when the ODT resistance is fully on. Both are measured from tAOND, which is interpreted
as 2 clock cycles after the clock edge that registered a first ODT HIGH counting the actual input clock edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com