Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 22 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 22 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 26Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
AS4C64M8D2
Confidential
22
Rev. 1.0
Feb. /2014
Table 20. AC overshoot/undershoot specification for clock, data, strobe, and mask pins
(DQ, DQS, DQS#, DM, CK, CK#)
Parameter
-25
-3
Unit
Maximum peak amplitude allowed for overshoot area
0.5
0.5
V
Maximum peak amplitude allowed for undershoot area
0.5
0.5
V
Maximum overshoot area above VDD
0.23
0.23
V-ns
Maximum undershoot area below VSS
0.23
0.23
V-ns
Table 21. Output AC test conditions (VDD = 1.8V  0.1V, TOPER = 0~95 C)
Symbol
Parameter
Value
Unit Note
VOTR
Output timing measurement reference level
0.5xVDDQ
V
1
NOTE1: The VDDQ of the device under test is referenced.
Table 22. Output DC current drive (VDD = 1.8V  0.1V, TOPER = 0~95 C)
Symbol
Parameter
Value
Unit Note
IOH(dc)
Output minimum source DC current
-13.4
mA 1, 3, 4
IOL(dc)
Output minimum sink DC current
13.4
mA 2, 3, 4
NOTE1: VDDQ = 1.7 V; VOUT = 1420 mV. (VOUT - VDDQ) /IOH must be less than 21 Ω for values of VOUT between VDDQ
and VDDQ - 280 mV.
NOTE2: VDDQ = 1.7 V; VOUT = 280 mV. VOUT/IOL must be less than 21 Ω for values of VOUT between 0 V and 280 mV.
NOTE3: The dc value of VREF applied to the receiving device is set to VTT
NOTE4: The values of IOH (dc) and IOL (dc) are based on the conditions given in Notes 1 and 2. They are used to test
device drive current capability to ensure VIH min plus a noise margin and VIL max minus a noise margin are
delivered to an SSTL_18 receiver. The actual current values are derived by shifting the desired driver
operating point (see JEDEC standard: Section 3.3 of JESD8-15A) along a 21 Ω load line to define a
convenient driver current for measurement.
Table 23. Capacitance (VDD = 1.8V, f = 1MHz, TOPER = 25 C)
Symbol
Parameter
Value
Unit
Min.
Max.
CIN
Input Capacitance : Command and Address
1.0
1.75
pF
CCK
Input Capacitance (CK, CK#)
1.0
2.0
pF
CI/O
DM, DQ, DQS Input/Output Capacitance
2.5
3.5
pF
DCIN
Delta Input Capacitance: Command and Address
-
0.25
pF
DCCK
Delta Input Capacitance: CK, CK#
-
0.25
pF
DCIO
Delta Input/Output Capacitance: DM, DQ, DQS
-
0.5
pF
NOTE: These parameters are periodically sampled and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com