Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
AS4C64M8D2
Confidential
8
Rev. 1.0
Feb. /2014
Functional Description
Read and write accesses to the DDR2 SDRAM are burst oriented; accesses start at a selected location and
continue for a burst length of four or eight in a programmed sequence. Accesses begin with the registration of an
Active command, which is then followed by a Read or Write command. The address bits registered coincident with
the active command are used to select the bank and row to be accessed (BA0-BA1 select the bank; A0-A13 select
the row). The address bits registered coincident with the Read or Write command are used to select the starting
column location for the burst access and to determine if the auto precharge command is to be issued.
Prior to normal operation, the DDR2 SDRAM must be initialized. The following sections provide detailed information
covering device initialization, register definition, command descriptions, and device operation.
 Power-up and Initialization
DDR2 SDRAMs must be powered up and initialized in a predefined manner. Operational procedures other than
those specified may result in undefined operation.
The following sequence is required for POWER UP and Initialization.
1. Apply power and attempt to maintain CKE below 0.2*VDDQ and ODT
*1 at a low state (all other inputs may be
undefined.) The VDD voltage ramp time must be no greater than 200ms from when VDD ramps from 300mV to
VDDmin; and during the VDD voltage ramp, |VDD-VDDQ| ≦ 0.3V
-
VDD, VDDL and VDDQ are driven from a single power converter output, AND
-
VTT is limited to 0.95 V max, AND
-
VREF tracks VDDQ/2.
or
-
Apply VDD before or at the same time as VDDL.
-
Apply VDDL before or at the same time as VDDQ.
-
Apply VDDQ before or at the same time as VTT & VREF.
-
At least one of these two sets of conditions must be met.
2. Start clock and maintain stable condition.
3. For the minimum of 200
s after stable power and clock (CK, CK#), then apply NOP or deselect and take CK
HIGH.
4. Wait minimum of 400ns then issue precharge all command. NOP or deselect applied during 400ns period.
5. Issue EMRS(2) command. (To issue EMRS (2) command, provide “LOW” to BA0, “HIGH” to BA1.)
6. Issue EMRS (3) command. (To issue EMRS (3) command, provide “HIGH” to BA0 and BA1.)
7. Issue EMRS to enable DLL. (To issue "DLL Enable" command, provide "LOW" to A0, "HIGH" to BA0 and "LOW"
to BA1.)
8. Issue a Mode Register Set command for “DLL reset”. (To issue DLL reset command, provide "HIGH" to A8 and
"LOW" to BA0-BA1)
9. Issue precharge all command.
10.Issue 2 or more auto-refresh commands.
11.Issue a mode register set command with LOW to A8 to initialize device operation.
(i.e. to program operating parameters without resetting the DLL.)
12.At least 200 clocks after step 8, execute OCD Calibration (Off Chip Driver impedance adjustment).If OCD
calibration is not used, EMRS OCD Default command (A9=A8=A7=HIGH) followed by EMRS OCD calibration
Mode Exit command (A9=A8=A7=LOW) must be issued with other operating parameters of EMRS.
13.The DDR2 SDRAM is now ready for normal operation.
NOTE 1: To guarantee ODT off, VREF must be valid and a LOW level must be applied to the ODT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com