Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 26 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 26 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 30Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
AS4C64M8D2
Confidential
26
Rev. 1.0
Feb. /2014
General notes, which may apply for all AC parameters:
NOTE 1: DDR2 SDRAM AC timing reference load
The below figure represents the timing reference load used in defining the relevant timing parameters of the part.
It is not intended to be either a precise representation of the typical system environment or a depiction of the actual
load presented by a production tester.
Figure 5. AC timing reference load
VDDQ
DUT
DQ
DQS
DQS#
VTT=VDDQ/2
25Ω
Timing reference
point
Ouput
The output timing reference voltage level for single ended signals is the crosspoint with VTT. The output timing
reference voltage level for differential signals is the crosspoint of the true (e.g. DQS) and the complement (e.g.
DQS#) signal.
NOTE 2: Slew Rate Measurement Levels
a) Output slew rate for falling and rising edges is measured between VTT - 250 mV and VTT + 250 mV for single
ended signals. For differential signals (e.g. DQS – DQS#) output slew rate is measured between DQS – DQS#
= - 500 mV and DQS – DQS# = + 500 mV. Output slew rate is guaranteed by design, but is not necessarily
tested on each device.
b) Input slew rate for single ended signals is measured from VREF (dc) to VIH (ac), min for rising edges and from
VREF(dc) to VIL(ac),max for falling edges. For differential signals (e.g. CK – CK#) slew rate for rising edges is
measured from CK – CK# = - 250 mV to CK -CK# = + 500 mV (+ 250 mV to - 500 mV for falling edges).
c) VID is the magnitude of the difference between the input voltage on CK and the input voltage on CK#, or
between DQS and DQS# for differential strobe.
NOTE 3: DDR2 SDRAM output slew rate test load
Output slew rate is characterized under the test conditions as bellow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com