Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 30 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 30 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 34Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
AS4C64M8D2
Confidential
30
Rev. 1.0
Feb. /2014
NOTE 17: ODT turn off time min is when the device starts to turn off ODT resistance. ODT turn off time max is
when the bus is in high impedance. Both are measured from tAOFD, which is interpreted differently per speed
bin. For DDR2-667/800, if tCK (avg) = 3 ns is assumed, tAOFD is 1.5 ns (= 0.5 x 3 ns) after the second trailing
clock edge counting from the clock edge that registered a first ODT LOW and by counting the actual input
clock edges.
NOTE 18: tHZ and tLZ transitions occur in the same access time as valid data transitions. These parameters are
referenced to a specific voltage level which specifies when the device output is no longer driving (tHZ), or
begins driving (tLZ).
NOTE 19: tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when the
device output is no longer driving (tRPST), or begins driving (tRPRE). The actual voltage measurement points are
not critical as long as the calculation is consistent.
NOTE 20: Input waveform timing tDS with differential data strobe enabled MR[bit10]=0, is referenced from the input
signal crossing at the VIH(ac) level to the differential data strobe crosspoint for a rising signal, and from the
input signal crossing at the VIL(ac) level to the differential data strobe crosspoint for a falling signal applied to
the device under test. DQS, DQS# signals must be monotonic between VIL(dc)max and VIH(dc)min.
NOTE 21: Input waveform timing tDH with differential data strobe enabled MR[bit10]=0, is referenced from the
differential data strobe crosspoint to the input signal crossing at the VIH(dc) level for a falling signal and from
the differential data strobe crosspoint to the input signal crossing at the VIL(dc) level for a rising signal applied
to the device under test. DQS, DQS# signals must be monotonic between VIL(dc)max and VIH(dc)min.
NOTE 22: Input waveform timing is referenced from the input signal crossing at the VIH(ac) level for a rising signal
and VIL(ac) for a falling signal applied to the device under test.
NOTE 23: Input waveform timing is referenced from the input signal crossing at the VIL(dc) level for a rising signal
and VIH(dc) for a falling signal applied to the device under test.
NOTE 24: tWTR is at lease two clocks (2 x tCK ) independent of operation frequency.
NOTE 25: tCKEmin of 3 clocks means CKE must be registered on three consecutive positive clock edges. CKE must
remain at the valid input level the entire time it takes to achieve the 3 clocks of registration. Thus, after any
CKE transition, CKE may not transition from its valid level during the time period of tIS + 2 x tCK + tIH.
NOTE 26: If tDS or tDH is violated, data corruption may occur and the data must be re-written with valid data before a
valid READ can be executed.
NOTE 27: These parameters are measured from a command/address signal (CKE, CS#, RAS#, CAS#, WE#, ODT,
BA0, A0, A1, etc.) transition edge to its respective clock signal (CK/CK#) crossing. The spec values are not
affected by the amount of clock jitter applied (i.e. tJIT(per), tJIT(cc), etc.), as the setup and hold are relative to
the clock signal crossing that latches the command/address. That is, these parameters should be met whether
clock jitter is present or not.
NOTE 28: These parameters are measured from a data strobe signal (DQS/DQS#) crossing to its respective clock
signal (CK/CK#) crossing. The spec values are not affected by the amount of clock jitter applied (i.e. tJIT(per),
tJIT(cc), etc.), as these are relative to the clock signal crossing. That is, these parameters should be met
whether clock jitter is present or not.
NOTE 29: These parameters are measured from a data signal (DM, DQ0, DQ1, etc.) transition edge to its
respective data strobe signal (DQS/DQS#) crossing.
NOTE 30: For these parameters, the DDR2 SDRAM device is characterized and verified to support tnPARAM =
RU{tPARAM / tCK(avg)}, which is in clock cycles, assuming all input clock jitter specifications are satisfied.
NOTE 31: tDAL [tCK] = WR [tCK] + tRP [tCK] = WR + RU {tRP [ps] / tCK(avg) [ps] }, where WR is the value programmed
in the mode register set.
NOTE 32: New units, ‘tCK(avg)’ is introduced in DDR2-667 and DDR2-800. Unit ‘tCK(avg)’ represents the actual
tCK(avg) of the input clock under operation.
NOTE 33: Input clock jitter spec parameter. These parameters and the ones in the table below are referred to as
'input clock jitter spec parameters' and these parameters apply to DDR2-667 and DDR2-800 only. The jitter
specified is a random jitter meeting a Gaussian distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com