Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4C64M8D2 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
AS4C64M8D2
Confidential
5
Rev. 1.0
Feb. /2014
Ball Descriptions
Table 3. Ball Descriptions
Symbol
Type
Description
CK, CK#
Input
Differential Clock:
CK, CK# are driven by the system clock. All SDRAM input signals are sampled on the
crossing of positive edge of CK and negative edge of CK#. Output (Read) data is
referenced to the crossings of CK and CK# (both directions of crossing).
CKE
Input
Clock Enable:
CKE activates (HIGH) and deactivates (LOW) the CK signal. If CKE goes LOW
synchronously with clock, the internal clock is suspended from the next clock cycle
and the state of output and burst address is frozen as long as the CKE remains LOW.
When all banks are in the idle state, deactivating the clock controls the entry to the
Power Down and Self Refresh modes.
BA0-BA1
Input
Bank Address:
BA0-BA1 defines to which bank the BankActivate, Read, Write, or BankPrecharge
command is being applied.
A0-A13
Input
Address Inputs:
A0-A13 are sampled during the BankActivate command (row address A0-A13) and
Read/Write command (column address A0-A9 with A10 defining Auto Precharge). A13
row address use on x8 components only.
CS#
Input
Chip Select:
CS# enables (sampled LOW) and disables (sampled HIGH) the command decoder.
All commands are masked when CS# is sampled HIGH. CS# provides for external
bank selection on systems with multiple banks. It is considered part of the command
code.
RAS#
Input
Row Address Strobe:
The RAS# signal defines the operation commands in conjunction with the CAS# and
WE# signals and is latched at the crossing of positive edges of CK and negative edge
of CK#. When RAS# and CS# are asserted "LOW" and CAS# is asserted "HIGH,"
either the BankActivate command or the Precharge command is selected by the WE#
signal. When the WE# is asserted "HIGH," the BankActivate command is selected and
the bank designated by BA is turned on to the active state. When the WE# is asserted
"LOW," the Precharge command is selected and the bank designated by BA is
switched to the idle state after the precharge operation.
CAS#
Input
Column Address Strobe:
The CAS# signal defines the operation commands in conjunction with the RAS# and
WE# signals and is latched at the crossing of positive edges of CK and negative edge
of CK#. When RAS# is held "HIGH" and CS# is asserted "LOW," the column access is
started by asserting CAS# "LOW." Then, the Read or Write command is selected by
asserting WE# “HIGH " or “LOW".
WE#
Input
Write Enable:
The WE# signal defines the operation commands in conjunction with the RAS# and
CAS# signals and is latched at the crossing of positive edges of CK and negative edge
of CK#. The WE# input is used to select the BankActivate or Precharge command and
Read or Write command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com