Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 16 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 16 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 20Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
AS4C64M8D2
Confidential
16
Rev. 1.0
Feb. /2014
 Write data mask
One Write data mask (DM) pin for each 8 data bits (DQ) will be supported on DDR2 SDRAMs, Consistent with
the implementation on DDR SDRAMs. It has identical timings on Write operations as the data bits, and though
used in a uni-directional manner, is internally loaded identically to data bits to insure matched system timing. DM
is not used during read cycles.
 Precharge operation
The Precharge command is used to precharge or close a bank that has been activated. The Precharge Command
is triggered when CS#, RAS# and WE# are LOW and CAS# is HIGH at the rising edge of the clock. The
Precharge Command can be used to precharge each bank independently or all banks simultaneously. Three
address bits A10, BA1, and BA0 are used to define which bank to precharge when the command is issued.
Table 11. Bank Selection for Precharge by address bits
A10
BA1
BA0
Precharged Bank(s)
LOW
LOW
LOW
Bank 0 only
LOW
LOW
HIGH
Bank 1 only
LOW
HIGH
LOW
Bank 2 only
LOW
HIGH
HIGH
Bank 3 only
HIGH
DON’T CARE DON’T CARE
ALL Banks
 Burst read operation followed by precharge
Minimum Read to precharge command spacing to the same bank = AL + BL/2 + max (RTP, 2) - 2 clocks. For the
earliest possible precharge, the precharge command may be issued on the rising edge which “Additive latency
(AL) + BL/2 clocks” after a Read command. A new bank active (command) may be issued to the same bank after
the RAS# precharge time (tRP). A precharge command cannot be issued until tRAS is satisfied.
The minimum Read to Precharge spacing has also to satisfy a minimum analog time from the rising clock edge
that initiates the last 4-bit prefetch of a Read to Precharge command. This time is called tRTP (Read to Precharge).
For BL = 4 this is the time from the actual read (AL after the Read command) to Precharge command. For BL = 8
this is the time from AL + 2 clocks after the Read to the Precharge command.
 Burst Write operation followed by precharge
Minimum Write to Precharge command spacing to the same bank = WL + BL/2 + tWR. For write cycles, a delay
must be satisfied from the completion of the last burst write cycle until the Precharge command can be issued.
This delay is known as a write recovery time (tWR) referenced from the completion of the burst write to the
Precharge command. No Precharge command should be issued prior to the tWR delay, as DDR2 SDRAM does
not support any burst interrupt by a Precharge command. tWR is an analog timing parameter and is not the
programmed value for tWR in the MRS.
 Auto precharge operation
Before a new row in an active bank can be opened, the active bank must be precharged using either the
Precharge Command or the auto-precharge function. When a Read or a Write Command is given to the DDR2
SDRAM, the CAS# timing accepts one extra address, column address A10, to allow the active bank to
automatically begin precharge at the earliest possible moment during the burst read or write cycle. If A10 is LOW
when the READ or WRITE Command is issued, then normal Read or Write burst operation is executed and the
bank remains active at the completion of the burst sequence. If A10 is HIGH when the Read or Write Command
is issued, then the auto-precharge function is engaged. During auto-precharge, a Read Command will execute as
normal with the exception that the active bank will begin to precharge on the rising edge which is CAS latency (CL)
clock cycles before the end of the read burst. Auto-precharge also be implemented during Write commands. The
precharge operation engaged by the Auto precharge command will not begin until the last data of the burst write
sequence is properly stored in the memory array. This feature allows the precharge operation to be partially or
completely hidden during burst Read cycles (dependent upon CAS latency) thus improving system performance
for random data access. The RAS# lockout circuit internally delays the Precharge operation until the array restore
operation has been completed (tRAS satisfied) so that the auto precharge command may be issued with any Read
or Write command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com