Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4C64M8D2 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
AS4C64M8D2
Confidential
1
Rev. 1.0
Feb. /2014
512M – (64M x 8 bit) DDRII Synchronous DRAM (SDRAM)
Confidential
(Rev. 1.0, Feb. /2014)
Features
 JEDEC Standard Compliant
 JEDEC standard 1.8V I/O (SSTL_18-compatible)
 Power supplies: VDD & VDDQ = +1.8V  0.1V
 Operating temperature: 0 – 95 °C
 Supports JEDEC clock jitter specification
 Fully synchronous operation
 Fast clock rate: 400 MHz
 Differential Clock, CK & CK#
 Bidirectional single/differential data strobe
 4 internal banks for concurrent operation
 4-bit prefetch architecture
 Internal pipeline architecture
 Precharge & active power down
 Programmable Mode & Extended Mode registers
 Posted CAS# additive latency (AL): 0, 1, 2, 3, 4, 5
 WRITE latency = READ latency - 1 tCK
 Burst lengths: 4 or 8
 Burst type: Sequential / Interleave
 DLL enable/disable
 On-die termination (ODT)
 RoHS compliant
 Auto Refresh and Self Refresh
 8192 refresh cycles / 64ms
-Average refresh period
7.8
s @ 0℃ ≦TC≦ +85℃
3.9
s @ +85℃ <TC≦ +95℃
 60-ball 8 x 10 x 1.2mm (max) FBGA package
- All parts are ROHS Compliant
Overview
The 512Mb DDR2 SDRAM is a high-speed CMOS
Double-Data-Rate-Two (DDR2), synchronous dynamic
random - access memory (SDRAM) containing 512
Mbits in an 8-bit wide data I/Os. It is internally
configured as a quad bank DRAM, 4 banks x 16Mb
addresses x 8 I/Os.
The device is designed to comply with DDR2 DRAM
key features such as posted CAS# with additive latency,
Write latency = Read latency -1 and On Die
Termination(ODT).
All of the control and address inputs are
synchronized with a pair of externally supplied
differential clocks. Inputs are latched at the cross point
of differential clocks (CK rising and CK# falling)
All I/Os are synchronized with a pair of bidirectional
strobes (DQS and DQS#) in a source synchronous
fashion. The address bus is used to convey row,
column, and bank address information in RAS #, CAS#
multiplexing style. Accesses begin with the registration
of a Bank Activate command, and then it is followed by
a Read or Write command. Read and write accesses to
the DDR2 SDRAM are 4 or 8-bit burst oriented;
accesses start at a selected location and continue for a
programmed number of locations in a programmed
sequence.
Operating the four memory banks in an interleaved
fashion allows random access operation to occur at a
higher rate than is possible with standard DRAMs. An
auto precharge function may be enabled to provide a
self-timed row precharge that is initiated at the end of
the burst sequence. A sequential and gapless data rate
is possible depending on burst length, CAS latency, and
speed grade of the device
Table 1. Ordering Information
Part Number
Clock Frequency
Data Rate
Power Supply
Package
AS4C64M8D2-25BCN
400MHz
800Mbps/pin
VDD 1.8V, VDDQ 1.8V
60 ball FBGA
AS4C64M8D2-25BIN
400MHz
800Mbps/pin
VDD 1.8V, VDDQ 1.8V
60 ball FBGA
B: indicates 60-ball 8 x 10 x 1.2mm (max) FBGA package
C: indicates commercial temperature
I: indicates industrial temperature
N: indicates Pb and Halogen Free - ROHS Compliant
Table 2. Speed Grade Information
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR2-800
400 MHz
5
12.5
12.5


Similar Part No. - AS4C64M8D2

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C64M8D1 ALSC-AS4C64M8D1 Datasheet
1Mb / 64P
Fully synchronous operation
AS4C64M8D1-5BCN ALSC-AS4C64M8D1-5BCN Datasheet
1Mb / 65P
Individual byte write mask control
AS4C64M8D1-5BCN ALSC-AS4C64M8D1-5BCN Datasheet
1Mb / 64P
Fully synchronous operation
AS4C64M8D1-5BIN ALSC-AS4C64M8D1-5BIN Datasheet
1Mb / 65P
Individual byte write mask control
AS4C64M8D1-5BIN ALSC-AS4C64M8D1-5BIN Datasheet
1Mb / 64P
Fully synchronous operation
More results

Similar Description - AS4C64M8D2

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com