Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
AS4C64M8D2
Confidential
11
Rev. 1.0
Feb. /2014
NOTE 2: Output disabled – DQs, DQSs, DQSs#. This feature is intended to be used during IDD characterization of read
current.
NOTE 3: A11, A13 are reserved for future use and must be set to 0 when programming the MR.
- EMR(2)
The extended mode register (2) controls refresh related features. The default value of the extended mode
register (2) is not defined, therefore the extended mode register (2) must be written after power-up for proper
operation. The extended mode register(2) is written by asserting LOW on CS#, RAS#, CAS#, WE#, HIGH on
BA1 and LOW on BA0, while controlling the states of address pins A0 ~ A13. The DDR2 SDRAM should be in all
bank precharge with CKE already HIGH prior to writing into the extended mode register (2). The mode register
set command cycle time (tMRD) must be satisfied to complete the write operation to the extended mode register
(2). Mode register contents can be changed using the same command and clock cycle requirements during
normal operation as long as all banks are in the precharge state.
Table 7. Extended Mode Register EMR(2) Bitmap
BA1 BA0 A13 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0 Address Field
1
0
0
*1
SRF
0
*1
Extended Mode Register(2)
A7
High Temperature Self-Refresh Rate Enable
0
Disable
1
Enable
*2
NOTE 1: The rest bits in EMRS(2) are reserved for future use and all bits in EMRS(2) except A7, BA0 and BA1 must be
programmed to 0 when setting the extended mode register(2) during initialization.
NOTE 2: Due to the migration nature, user needs to ensure the DRAM part supports higher than 85℃ Tcase temperature
self-refresh entry. If the high temperature self-refresh mode is supported then controller can set the EMRS2[A7] bit
to enable the self-refresh rate in case of higher than 85℃ temperature self-refresh operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com