Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 23 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 23 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 27Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
AS4C64M8D2
Confidential
23
Rev. 1.0
Feb. /2014
Table 24. IDD specification parameters and test conditions
(VDD = 1.8V  0.1V, TOPER = 0~95 C)
Parameter & Test Condition
Symbol
-25
-3
Unit
Max.
Operating one bank active-precharge current:
tCK =tCK (min), tRC = tRC (min), tRAS = tRAS(min); CKE is HIGH, CS# is
HIGH between valid commands; Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD0
75
70
mA
Operating one bank active-read-precharge current:
IOUT = 0mA; BL = 4, CL = CL (min), AL = 0; tCK = tCK (min),tRC = tRC (min),
tRAS = tRAS(min), tRCD = tRCD (min);CKE is HIGH, CS# is HIGH between
valid commands; Address bus inputs are switching; Data pattern is same
as IDD4W
IDD1
85
80
mA
Precharge power-down current:
All banks idle;tCK =tCK (min); CKE is LOW; Other control and address bus
inputs are STABLE; Data bus inputs are FLOATING
IDD2P
8
8
mA
Precharge quiet standby current:
All banks idle; tCK =tCK (min); CKE is HIGH, CS# is HIGH; Other control
and address bus inputs are STABLE; Data bus inputs are FLOATING
IDD2Q
35
35
mA
Precharge standby current:
All banks idle; tCK = tCK (min); CKE is HIGH, CS# is HIGH; Other control
and address bus inputs are SWITCHING; Data bus inputs are
SWITCHING
IDD2N
40
40
mA
Active power-down current:
All banks open; tCK =tCK (min); CKE is LOW; Other control
and address bus inputs are STABLE; Data bus inputs are
FLOATING
MRS(A12)=0
IDD3P
20
20
mA
MRS(A12)=1
14
14
mA
Active standby current:
All banks open; tCK = tCK(min), tRAS = tRAS (max), tRP = tRP (min); CKE is
HIGH, CS# is HIGH between valid commands; Other control and address
bus inputs are SWITCHING; Data bus inputs are SWITCHING
IDD3N
55
55
mA
Operating burst write current:
All banks open, continuous burst writes; BL = 4, CL = CL (min), AL = 0;
tCK= tCK (min), tRAS = tRAS (max), tRP = tRP (min); CKE is HIGH, CS# is
HIGH between valid commands; Address bus inputs are switching; Data
bus inputs are switching
IDD4W
120
110
mA
Operating burst read current:
All banks open, continuous burst reads, IOUT = 0mA; BL = 4, CL = CL
(min), AL = 0; tCK = tCK (min), tRAS = tRAS (max), tRP = tRP (min); CKE is
HIGH, CS# is HIGH between valid commands; Address bus inputs are
SWITCHING; Data bus inputs are SWITCHING
IDD4R
130
120
mA
Burst refresh current:
tCK = tCK (min); refresh command at every tRFC (min) interval; CKE is
HIGH, CS# is HIGH between valid commands; Other control and address
bus inputs are SWITCHING; Data bus inputs are SWITCHING
IDD5
95
90
mA
Self refresh current:
CK and CK# at 0V; CKE ≤ 0.2V;Other control and address bus inputs are
FLOATING; Data bus inputs are FLOATING
IDD6
6
6
mA
Operating bank interleave read current:
All bank interleaving reads, IOUT= 0mA; BL = 4, CL = CL (min), AL =tRCD
(min) - 1 x tCK (min); tCK = tCK (min), tRC = tRC (min), tRRD = tRRD (min), tRCD
= tRCD (min); CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are STABLE during DESELECTs. Data pattern is
same as IDD4R
IDD7
200
180
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com