Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 24 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 24 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 28Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
AS4C64M8D2
Confidential
24
Rev. 1.0
Feb. /2014
Table 25. Electrical Characteristics and Recommended A.C. Operating Conditions
(VDD = 1.8V
 0.1V, TOPER = 0~95C)
Symbol
Parameter
-25
-3
Unit
Specific
Notes
Min.
Max.
Min.
Max.
tCK(avg) Average clock period
CL=3
5
8
5
8
ns
15, 33, 34
CL=4
3.75
8
3.75
8
ns
15, 33, 34
CL=5
2.5
8
3
8
ns
15, 33, 34
CL=6
2.5
8
-
-
ns
15, 33, 34
tCH(avg) Average clock HIGH pulse width
0.48
0.52
0.48
0.52
tCK
34, 35
tCL(avg)
Average Clock LOW pulse width
0.48
0.52
0.48
0.52
tCK
34, 35
WL
Write command to DQS associated clock edge
RL-1
RL-1
tCK
tDQSS
DQS latching rising transitions to associated clock
edges
-0.25
0.25
-0.25
0.25
tCK
28
tDSS
DQS falling edge to CK setup time
0.2
-
0.2
-
tCK
28
tDSH
DQS falling edge hold time from CK
0.2
-
0.2
-
tCK
tDQSH
DQS input HIGH pulse width
0.35
-
0.35
-
tCK
tDQSL
DQS input LOW pulse width
0.35
-
0.35
-
tCK
tWPRE
Write preamble
0.35
-
0.35
-
tCK
tWPST
Write postamble
0.4
0.6
0.4
0.6
tCK
10
tIS(base)
Address and Control input setup time
0.175
-
0.2
-
ns
5, 7, 9, 22,
27
tIH(base)
Address and Control input hold time
0.25
-
0.275
-
ns
5, 7, 9, 23,
27
tIPW
Control & Address input pulse width for each input
0.6
-
0.6
-
tCK
tDS(base) DQ & DM input setup time
0.05
-
0.1
-
ns
6, 7, 8, 20,
26, 29
tDH(base) DQ & DM input hold time
0.125
-
0.175
-
ns
6, 7, 8, 21,
26, 29
tDIPW
DQ and DM input pulse width for each input
0.35
-
0.35
-
tCK
tAC
DQ output access time from CK, CK#
-0.4
0.4
-0.45
0.45
ns
38
tDQSCK
DQS output access time from CK, CK#
-0.35
0.35
-0.4
0.4
ns
38
tHZ
Data-out high-impedance time from CK, CK#
-
tAC(max)
-
tAC(max)
ns
18, 38
tLZ(DQS) DQS(DQS#) low-impedance time from CK, CK#
tAC(min)
tAC(max)
tAC(min)
tAC(max)
ns
18, 38
tLZ(DQ)
DQ low-impedance time from CK, CK#
2tAC(min)
tAC(max)
2tAC(min)
tAC(max)
ns
18, 38
tDQSQ
DQS-DQ skew for DQS and associated DQ signals
-
0.2
-
0.24
ns
13
tHP
CK half pulse width
min(tCL,tCH)
-
min(tCL,tCH)
-
ns
11, 12, 35
tQHS
DQ hold skew factor
-
0.3
-
0.34
ns
12, 36
tQH
DQ/DQS output hold time from DQS
tHP -tQHS
-
-
tHP -tQHS
ns
37
tRPRE
Read preamble
0.9
1.1
0.9
1.1
tCK
19, 39
tRPST
Read postamble
0.4
0.6
0.4
0.6
tCK
19, 40
tRRD
Active to active command period
10
-
10
-
ns
4, 30
tCCD
CAS# to CAS# command delay
2
-
2
-
tCK
tWR
Write recovery time
15
-
15
-
ns
30
tDAL
Auto Power write recovery + precharge time
WR + tRP
-
WR + tRP
-
ns
14, 31
tWTR
Internal Write to Read Command Delay
7.5
-
7.5
-
ns
3, 24, 30
tRTP
Internal read to precharge command delay
7.5
-
7.5
-
ns
3, 30
tCKE
CKE minimum pulse width
3
-
3
-
tCK
25
tXSNR
Exit self refresh to non-read command delay
tRFC+10
-
tRFC+10
-
ns
30
tXSRD
Exit self refresh to a read command
200
-
200
-
tCK
tXP
Exit precharge power down to any command
2
-
2
-
tCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com