Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
AS4C64M8D2
Confidential
21
Rev. 1.0
Feb. /2014
Table 16. Input logic level (VDD = 1.8V  0.1V, TOPER = 0~95 C)
Symbol
Parameter
-25/3
Unit
Min.
Max.
VIH (DC)
DC Input logic High Voltage
VREF + 0.125
VDDQ + 0.3
V
VIL (DC)
DC Input Low Voltage
- 0.3
VREF - 0.125
V
VIH (AC)
AC Input High Voltage
VREF + 0.2
VDDQ + Vpeak
V
VIL (AC)
AC Input Low Voltage
VSSQ - Vpeak
VREF - 0.2
V
VID (AC)
AC Differential Voltage
0.5
VDDQ
V
VIX (AC)
AC Differential cross point Voltage
0.5 x VDDQ - 0.175 0.5 x VDDQ + 0.175
V
NOTE1: Refer to Overshoot/undershoot specification for Vpeak value: maximum peak amplitude allowed for
overshoot and undershoot.
Table 17. AC Input test conditions (VDD = 1.8V  0.1V, TOPER = 0~95 C)
Symbol
Parameter
Value
Unit
Note
VREF
Input reference voltage
0.5 x VDDQ
V
1
VSWING(max) Input signal maximum peak to peak swing
1.0
V
1
Slew Rate Input signal minimum slew rate
1.0
V/ns
2, 3
NOTE1: Input waveform timing is referenced to the input signal crossing through the VIH /IL (ac) level applied to the
device under test.
NOTE2: The input signal minimum slew rate is to be maintained over the range from VREF to VIH(ac) min for rising
edges and the range from VREF to VIL (ac) max for falling edges .
NOTE3: AC timings are referenced with input waveforms switching from VIL (ac) to VIH (ac) on the positive
transitions and VIH (ac) to VIL (ac) on the negative transitions.
Table 18. Differential AC output parameters (VDD = 1.8V  0.1V, TOPER = 0~95 C)
Symbol
Parameter
Value
Unit
Note
Min.
Max.
Vox(ac)
AC Differential Cross Point Voltage
0.5xVDDQ-0.125
0.5xVDDQ+0.125
V
1
NOTE1: The typical value of VOX (ac) is expected to be about 0.5 x VDDQ of the transmitting device and VOX (ac) is
expected to track variations in VDDQ. VOX (ac) indicates the voltage at which differential output signals must
cross.
Table 19. AC overshoot/undershoot specification for address and control pins
(A0-A12, BA0-BA1, CS#, RAS#, CAS#, WE#, CKE, ODT)
Parameter
-25
-3
Unit
Maximum peak amplitude allowed for overshoot area
0.5
0.5
V
Maximum peak amplitude allowed for undershoot area
0.5
0.5
V
Maximum overshoot area above VDD
0.66
0.8
V-ns
Maximum undershoot area below VSS
0.66
0.8
V-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com