Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 32 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 32 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 36Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
AS4C64M8D2
Confidential
32
Rev. 1.0
Feb. /2014
transition, both of which are independent of each other, due to data pin skew, output pattern effects, and p-
channel to n-channel variation of the output drivers
NOTE 37: tQH = tHP – tQHS, where: tHP is the minimum of the absolute half period of the actual input clock; and tQHS is
the specification value under the max column. {The less half-pulse width distortion present, the larger the tQH
value is; and the larger the valid data eye will be.}
NOTE 38: When the device is operated with input clock jitter, this parameter needs to be derated by the actual
tERR(6-10per) of the input clock. (output deratings are relative to the SDRAM input clock.)
NOTE 39: When the device is operated with input clock jitter, this parameter needs to be derated by the actual
tJIT(per) of the input clock. (output deratings are relative to the SDRAM input clock.)
NOTE 40: When the device is operated with input clock jitter, this parameter needs to be derated by the actual
tJIT(duty) of the input clock. (output deratings are relative to the SDRAM input clock.)
NOTE 41: When the device is operated with input clock jitter, this parameter needs to be derated by { -
tJIT(duty),max - tERR(6-10per),max } and { - tJIT(duty),min - tERR(6-10per),min } of the actual input clock. (output
deratings are relative to the SDRAM input clock.)
NOTE 42: For tAOFD of DDR2-667/800, the 1/2 clock of tCK in the 2.5 x tCK assumes a tCH(avg), average input clock
HIGH pulse width of 0.5 relative to tCK(avg). tAOF,min and tAOF,max should each be derated by the same
amount as the actual amount of tCH(avg) offset present at the DRAM input with respect to 0.5.
NOTE 43: If refresh timing is violated, data corruption may occur and the data must be re-written with valid data
before a valid READ can be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com