Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 28 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 28 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 32Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
AS4C64M8D2
Confidential
28
Rev. 1.0
Feb. /2014
NOTE 4: Differential data strobe
DDR2 SDRAM pin timings are specified for either single ended mode or differential mode depending on the
setting of the EMRS “Enable DQS” mode bit; timing advantages of differential mode are realized in system design.
The method by which the DDR2 SDRAM pin timings are measured is mode dependent. In single ended mode,
timing relationships are measured relative to the rising or falling edges of DQS crossing at VREF. In differential
mode, these timing relationships are measured relative to the crosspoint of DQS and its complement, DQS#. This
distinction in timing methods is guaranteed by design and characterization. Note that when differential data strobe
mode is disabled via the EMRS, the complementary pin, DQS#, must be tied externally to VSS through a 20 Ω to
10 kΩ resistor to insure proper operation
NOTE 5: AC timings are for linear signal transitions.
NOTE 6:All voltages are referenced to VSS.
NOTE 7:These parameters guarantee device behavior, but they are not necessarily tested on each device. They
may be guaranteed by device design or tester correlation
NOTE 8: Tests for AC timing, IDD, and electrical (AC and DC) characteristics, may be conducted at nominal
reference/supply voltage levels, but the related specifications and device operation are guaranteed for the full
voltage range specified.
Specific notes for dedicated AC parameters
NOTE 1:User can choose which active power down exit timing to use via MRS (bit 12). tXARD is expected to be used
for fast active power down exit timing. tXARDS is expected to be used for slow active power down exit timing
where a lower power value is defined by each vendor data sheet.
NOTE 2: AL=Additive Latency.
NOTE 3:This is a minimum requirement. Minimum read to precharge timing is AL+BL/2 provided that the tRTP and
tRAS (min) have been satisfied.
NOTE 4: A minimum of two clocks (2* tCK) is required irrespective of operating frequency.
NOTE 5: Timings are specified with command/address input slew rate of 1.0 V/ns.
NOTE 6:Timings are specified with DQs, DM, and DQS’s (DQS in single ended mode) input slew rate of 1.0V/ns.
NOTE 7:Timings are specified with CK/CK# differential slew rate of 2.0 V/ns. Timings are guaranteed for DQS
signals with a differential slew rate of 2.0 V/ns in differential strobe mode and a slew rate of 1 V/ns in single
ended mode.
NOTE 8:Data setup and hold time derating.
For all input signals the total tDS (setup time) and tDH (hold time) required is calculated by adding the data sheet.
tDS(base) and tDH(base) value to the ΔtDS and ΔtDH derating value respectively.
Example: tDS (total setup time) =tDS (base) + ΔtDS.For slew rates in between the values listed in Tables 26, the
derating values may obtained by linear interpolation.These values are typically not subject to production test.
They are verified by design and characterization.
Table 26. DDR2-667/800 tDS/tDH derating with differential data strobe
△tDS, △tDH derating values for DDR2-667, DD2-800 (All units in ‘ps’; the note applies to the entire table)
DQS,DQS# Differential Slew Rate
2.8 V/ns
2.4 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
0.8 V/ns
△
tDS
△
tDH
△
tDS
△
tDH
△
tDS
△
tDH
△
tDS
△
tDH
△
tDS
△
tDH
△
tDS
△
tDH
△
tDS
△
tDH
△
tDS
△
tDH
△
tDS
△
tDH
DQ
Slew
Rate
V/ns
2.0
100
63
100
63
100
63
-
-
-
-
-
-
-
-
-
-
-
-
1.5
67
42
67
42
67
42
79
54
-
-
-
-
-
-
-
-
-
-
1.0
0
0
0
0
0
0
12
12
24
24
-
-
-
-
-
-
-
-
0.9
-
-
-5
-14
-5
-14
7
-2
19
10
31
22
-
-
-
-
-
-
0.8
-
-
-
-
-13
-31
-1
-19
11
-7
23
5
35
17
-
-
-
-
0.7
-
-
-
-
-
-
-10
-42
2
-30
14
-18
26
-6
38
6
-
-
0.6
-
-
-
-
-
-
-
-
-10
-59
2
-47
14
-35
26
-23
38
-11
0.5
-
-
-
-
-
-
-
-
-
-
-24
-89
-12
-77
0
-65
12
-53
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-52
-140
-40
-128
-28
-116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com