Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 25 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 25 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 29Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
AS4C64M8D2
Confidential
25
Rev. 1.0
Feb. /2014
tXARD
Exit active power down to read command
2
-
2
-
tCK
1
tXARDS
Exit active power down to read command(slow exit,
lower power)
8-AL
-
7-AL
-
tCK
1, 2
tAOND
ODT turn-on delay
2
2
2
2
tCK
16
tAON
ODT turn-on
tAC(min)
tAC(max)+0.7
tAC(min)
tAC(max)+0.7
ns
6, 16, 38
tAONPD
ODT turn-on (Power-Down mode)
tAC(min)+2
2 tCK
+tAC(max)+1
tAC(min)+2
2 tCK
+tAC(max)+1
ns
tAOFD
ODT turn-off delay
2.5
2.5
2.5
2.5
tCK
17, 42
tAOF
ODT turn-off
tAC(min)
tAC(max)+0.6
tAC(min)
tAC(max)+0.6
ns
17, 41, 42
tAOFPD
ODT turn-off (Power-Down mode)
tAC(min)+2
2.5 tCK
+tAC(max)+1
tAC(min)+2
2.5 tCK
+tAC(max)+1
ns
tANPD
ODT to power down entry latency
3
-
3
-
tCK
tAXPD
ODT power down exit latency
8
-
8
-
tCK
tMRD
Mode register set command cycle time
2
-
2
-
tCK
tMOD
MRS command to ODT update delay
0
12
0
12
ns
30
tOIT
OCD drive mode output delay
0
12
0
12
ns
30
tDelay
Minimum time clocks remains ON after CKE
asynchronously drops LOW
tIS+ tCK +tIH
-
tIS+ tCK +tIH
-
ns
15
tRFC
Refresh to active/Refresh command time
105
-
105
-
ns
43
tREFI
Average periodic refresh
interval
@ 0℃≦TC≦ +85℃
-
-
7.8
-
s
43
@ +85℃<TC≦ +95℃
-
-
3.9
-
s
43
tRCD
RAS# to CAS# Delay time
12.5
-
15
-
ns
tRP
Row precharge Delay time
12.5
-
15
-
ns
tRC
Row cycle Delay time
57.5
-
60
-
ns
tRAS
Row active Delay time
45
70k
45
70k
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com