Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D2 Datasheet(PDF) 20 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 20 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
AS4C64M8D2
Confidential
20
Rev. 1.0
Feb. /2014
Table 13. Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Unit Note
VDD
Voltage on VDD pin relative to Vss
-1.0 ~ 2.3
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
-0.5 ~ 2.3
V
1,3
VDDL
Voltage on VDDL pin relative to Vss
-0.5 ~ 2.3
V
1,3
VIN, VOUT Voltage on any pin relative to Vss
- 0.5 ~ 2.3
V
1,4
TSTG
Storage temperature
- 55~100
°C
1,2
NOTE1: Stress greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
devices. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
NOTE2: Storage temperature is the case temperature on the center/top side of the DRAM.
NOTE3: When VDD and VDDQ and VDDL are less than 500mV, Vref may be equal to or less than 300mV.
NOTE4: Voltage on any input or I/O may not exceed voltage on VDDQ.
Table 14. Operating Temperature Condition
Symbol
Parameter
Rating
Unit Note
TOPER
Normal operating temperature
0~85
°C
1
Extended operating temperature
85~95
°C
1,2
NOTE1: Operating temperature is the case surface temperature on center/top of the DRAM.
NOTE2: If TC exceeds 85°C, the DRAM must be refreshed externally at 2x refresh. It is required to set tREFI=3.9μs
in auto refresh mode and to set ‘1’ for EMRS (2) bit A7 in self refresh mode.
Table 15. Recommended DC Operating Conditions (SSTL_1.8)
Symbol
Parameter
Min.
Typ.
Max.
Unit Note
VDD
Power supply voltage
1.7
1.8
1.9
V
1
VDDL
Power supply voltage for DLL
1.7
1.8
1.9
V
5
VDDQ
Power supply voltage for I/O Buffer
1.7
1.8
1.9
V
1,5
VREF
Input reference voltage
0.49 x VDDQ
0.5 x VDDQ
0.51 x VDDQ
mV
2,3
VTT
Termination voltage
VREF - 0.04
VREF
VREF + 0.04
V
4
NOTE1: There is no specific device VDD supply voltage requirement for SSTL_18 compliance. However under all
conditions VDDQ must be less than or equal to VDD.
NOTE2: The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the
value of VREF is expected to be about 0.5 x VDDQ of the transmitting device and VREF is expected to track
variations in VDDQ.
NOTE3: Peak to peak ac noise on VREF may not exceed ±2 % VREF (dc).
NOTE4: VTT of transmitting device must track VREF of receiving device.
NOTE5: VDDQ tracks with VDD, VDDL tracks with VDD. AC parameters are measured with VDD, VDDQ and VDDL tied
together



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com